Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDR-480-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # WDR-480-48
Description  480W Single Output Industrial DIN RAIL Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

WDR-480-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  WDR-480-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. WDR-480-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. WDR-480-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FileName:WDR-480-SPEC2011-11-28
MechanicalSpecification
CaseNo.984BUnit:mm
BlockDiagram
DCOKRelayContact
ContactClose
PSUturnson/DCOK.
PSUturnsoff/DCFail.
30V/1A resistiveload.
ContactOpen
ContactRatings(max.)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
U.V.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
WDR-480 series
480WSingleOutputIndustrialDINRAIL PowerSupply
1
2
3
4
5
6
1
2
3
125.2
TB2
TB1
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
5,6
3
Assignment
Assignment
FG
AC/L1
AC/L2
DCOUTPUT +V
DCOUTPUT -V
RelayContact
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15


Similar Part No. - WDR-480-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-480-48 MEANWELL-WDR-480-48 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
More results

Similar Description - WDR-480-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-480 MEANWELL-WDR-480 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
NDR-480 MEANWELL-NDR-480 Datasheet
622Kb / 4P
   480W Single Output Industrial DIN RAIL
logo
Applied Motion Products...
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
   DIN Rail Power Supply ??Industrial ??480W
logo
Altech corporation
PSP480 ALTECH-PSP480_1 Datasheet
109Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DRT-480 MEANWELL-DRT-480_08 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
   480W Three-Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-480 TOTAL-POWER-DRT-480 Datasheet
381Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com