Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-A4404-A2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # C67078-A4404-A2
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A4404-A2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  C67078-A4404-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A4404-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Semiconductor Group
7
Jul-31-1996
BUP 401
Typ. gate charge
VGE = ƒ(QGate)
parameter:
I
C puls = 15 A
0
10
20
30
40
50
60
70
nC
90
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
300 V
100 V
Typ. capacitances
C = f (VCE)
parameter:
VGE = 0 V, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
CE
-2
10
-1
10
0
10
1
10
nF
C
Ciss
Crss
Coss
Short circuit safe operating area
ICsc = f (VCE) , Tj = 150°C
parameter:
VGE = ± 15 V, tsc ≤ 10 µs, L < 50 nH
0
100
200
300
400
500
600
V
800
V
CE
0
2
4
6
10
I
Csc/IC(90°C)
Reverse biased safe operating area
ICpuls = f (VCE) , Tj = 150°C
parameter:
VGE = 15 V
0
100
200
300
400
500
600
V
800
V
CE
0.0
0.5
1.0
1.5
2.5
I
Cpuls/IC


Similar Part No. - C67078-A4404-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A4403-A2 SIEMENS-C67078-A4403-A2 Datasheet
148Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
C67078-A4405-A2 SIEMENS-C67078-A4405-A2 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
C67078-A4406-A2 SIEMENS-C67078-A4406-A2 Datasheet
149Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results

Similar Description - C67078-A4404-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP200 SIEMENS-BUP200 Datasheet
300Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP300 SIEMENS-BUP300 Datasheet
338Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP313 SIEMENS-BUP313 Datasheet
99Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP400 SIEMENS-BUP400 Datasheet
148Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com