Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT16523-003 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16523-003
Description  5x7 Dot Character VFD Controller & Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16523-003 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16523-003 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16523-003 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev. 1.00
1
January 18, 2012
Rev. 1.00
PB
January 18, 2012
HT16523
5x7 Dot Character VFD
Controller & Driver
Feature
• Logicvoltage:2.7V~5.5V
• Highvoltage:40V(max.)
• 3-lineserialinterface
• Alphanumericandsymbolicdisplayusing
integratedROM
• 16x8-bitdisplaydataRAM(DDRAM)
• Integrated5x7dotROMcontaining248character
set
• 8user-definedcharactersstoredincharacter
generatorRAM(CGRAM)
• Additionalsymboldisplaydatastoredin16x8-bit
RAM(ADRAM)
• Displaycontent:
16columnsby1row+32symbols-eachcolumn
has1digitcharacterwith2symbols
• Supportsdisplayoutput:35-segment&16-grid
• Supportssymboloutput:2-symbol&16-grid
• Supports2-pingeneraloutputport-staticoperation
• Fullyintegratedoscillatorcircuit
• 64-pinLQFPpackage
Applications
• Consumerproductspanelfunctioncontrol
• Industrialmeasuringinstrumentpanelfunction
control
• Othersimilarapplicationpanelfunctioncontrol
• SuitableforPOSterminalsormessagedisplays
General Description
The HT16523 device is a dot matrix Vacuum
FluorescentDisplay,VFD,controller/driverwhich
displays characters, numerics and symbols. Dot
matrixVFDdrivingsignalsarereceivedviaa3-line
serialinterfacedrivenbyanexternallyconnected
microcontroller.Thedisplaydataisstoredinthe
internalROMandRAMforcharacterandsymbol
display.
Ordering Information
Part Number
Information
HT16523-002
64-pin LQFP package with ROM code 002
HT16523-003
64-pin LQFP package with ROM code 003


Similar Part No. - HT16523-003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16525-001 HOLTEK-HT16525-001 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16525-002 HOLTEK-HT16525-002 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
HT16528-001 HOLTEK-HT16528-001 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
More results

Similar Description - HT16523-003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
logo
List of Unclassifed Man...
CU40025SCPB-W6J ETC2-CU40025SCPB-W6J Datasheet
80Kb / 1P
   5X7 Dot Character VFD Module
logo
Holtek Semiconductor In...
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
logo
List of Unclassifed Man...
CU16025-UW6J ETC2-CU16025-UW6J Datasheet
82Kb / 1P
   5X7 Dot Character VFD Module
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
CU16025ECPB-W6J ETC2-CU16025ECPB-W6J Datasheet
64Kb / 1P
   5X7 Dot Character VFD Module
logo
Holtek Semiconductor In...
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
logo
New Japan Radio
NJU3430 NJRC-NJU3430 Datasheet
742Kb / 18P
   16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com