Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT67F50 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
8
March 06 , 2012
Rev. 1.50
9
March 06 , 2012
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity,
I/O count, TM features, stack capacity, LCD driver and package types. The following table
summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Interrupt
LCD
HT67F30
2.2V~5.5V
2Kx15
128x8
64x8
32
2
20x4
21x3
21x2
HT67F40
2.2V~5.5V
4Kx15
256x8
128x8
44
2
32x4
33x3
33x2
HT67F50
2.2V~5.5V
8Kx16
384x8
256x8
52
2
40x4
41x3
41x2
HT67F60*
2.2V~5.5V
12Kx16
640x8
256x8
64
4
56x4
57x3
57x2
Part No.
A/D
Timer
Module
Interface
SPI
Stack
Package
HT67F30
12-bitx8
10-bit CTMx1,
10-bit ETMx1
SPI/I2C,
SPI
4
48 LQFP
HT67F40
12-bitx8
10-bit CTMx1,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
8
48/64 LQFP
HT67F50
12-bitx8
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
8
48/64/80 LQFP
HT67F60*
12-bitx12
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
SPI/I2C,
SPI
12
48/64/80 LQFP
100 LQFP
Note: * Under development, available in 2Q, 2011.


Similar Part No. - HT67F50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT67F5630 HOLTEK-HT67F5630 Datasheet
6Mb / 147P
   TinyPowerTM 24-Bit Delta Sigma A/D Flash MCU with LCD & EEPROM
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5660 HOLTEK-HT67F5660 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results

Similar Description - HT67F50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT67F60A HOLTEK-HT67F60A Datasheet
6Mb / 242P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F488 HOLTEK-HT67F488 Datasheet
6Mb / 171P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT69F30A HOLTEK-HT69F30A Datasheet
8Mb / 202P
   TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
HT67F5630 HOLTEK-HT67F5630 Datasheet
6Mb / 147P
   TinyPowerTM 24-Bit Delta Sigma A/D Flash MCU with LCD & EEPROM
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com