Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46RU24 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46RU24
Description  A/D Type 8-Bit OTP MCU with UART
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU24 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46RU24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RU24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
VLVR2
Low Voltage Reset 2
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
IADC
Additional Power Consumption
if A/D Converter is Used
3V
tAD=1
ms
¾
0.5
1
mA
5V
¾
1.5
3
mA
DNL
ADC Differential Non-Linear
5V
tAD=1
ms
¾¾
±2
LSB
INL
ADC Integral Non-Linear
5V
tAD=1
ms
¾±2.5
±4
LSB
RESOLU Resolution
¾¾
¾
¾
12
Bits
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1/TMR2)
¾ 2.2V~5.5V
0
¾
4000
kHz
¾ 3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
80
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
tIIC
I
2C Bus Clock Period
¾
Connect to external
pull-high resistor 2k
W
64
¾¾
*tSYS
Note: *tSYS=1/fSYS
HT46RU24
Rev. 1.00
5
April 23, 2008


Similar Part No. - HT46RU24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46RU26 HOLTEK-HT46RU26 Datasheet
688Kb / 86P
   A/D Type 8-Bit MCU with UART
More results

Similar Description - HT46RU24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU26 HOLTEK-HT46RU26 Datasheet
688Kb / 86P
   A/D Type 8-Bit MCU with UART
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com