Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-990 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VX-990
Description  Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-990 Datasheet(HTML) 7 Page - Vectron International, Inc

  VX-990 Datasheet HTML 1Page - Vectron International, Inc VX-990 Datasheet HTML 2Page - Vectron International, Inc VX-990 Datasheet HTML 3Page - Vectron International, Inc VX-990 Datasheet HTML 4Page - Vectron International, Inc VX-990 Datasheet HTML 5Page - Vectron International, Inc VX-990 Datasheet HTML 6Page - Vectron International, Inc VX-990 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 7 of 7
Ordering Information
VX - 990
E - 255 - 120M0000
Product Family
VX: VCXO
Package
Ultra Low G-Sensitivity
Stability Code
J-155: ±15 ppm
E-255: ±25 ppm
Frequency
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 10/2011
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
Vectron International
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.6081.2888
Fax: 86.21.6163.3598
Temperature Range
J: -20°C to +70°C
E: -40°C to +85°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Phase noise degrades with increasing output frequency.
2.
Contact factory for availability.
3.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
control voltage, load, temperature (25°C).
Subject to technical modification.


Similar Part No. - VX-990

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-990 VECTRON-VX-990 Datasheet
458Kb / 6P
   Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
More results

Similar Description - VX-990

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-990 VECTRON-VX-990 Datasheet
458Kb / 6P
   Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990_14 Datasheet
752Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990 Datasheet
667Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
PX-990 VECTRON-PX-990 Datasheet
284Kb / 6P
   Crystal Oscillator Ultra Low Noise and G-Sensitivity
VX-508 VECTRON-VX-508 Datasheet
234Kb / 6P
   Voltage Controlled Crystal Oscillator Low G-Sensitivity
OX-080 VECTRON-OX-080 Datasheet
652Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_14 Datasheet
705Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-080 VECTRON-OX-080_14 Datasheet
721Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_17 Datasheet
828Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-046 VECTRON-OX-046_14 Datasheet
705Kb / 5P
   VHF low g-Sensitivity Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com