Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGUGLA44.736 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # SGUGLA44.736
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SGUGLA44.736 Datasheet(HTML) 3 Page - Vectron International, Inc

  SGUGLA44.736 Datasheet HTML 1Page - Vectron International, Inc SGUGLA44.736 Datasheet HTML 2Page - Vectron International, Inc SGUGLA44.736 Datasheet HTML 3Page - Vectron International, Inc SGUGLA44.736 Datasheet HTML 4Page - Vectron International, Inc SGUGLA44.736 Datasheet HTML 5Page - Vectron International, Inc SGUGLA44.736 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S-Type Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
Qualification Conformance
The S-Type has undergone the following Mil-Std qualification.
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883C 2002.3, TEST B
Mechanical Vibration
MIL-STD-883C 2007.1, TEST C
Solderability
MIL-STD-883C 2003.5
Gross and Fine Leak
MIL-STD-883C 1014.7, 100% Tested
Resistance to Solvents
MIL-STD-883C 2016
Handling Precautions
Although ESD protection circuitrry has been designed into the the S-Type, proper precautions should be
taken when handling and mounting. VI employs a human body model and a charged-device model (CDM)
for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the
circuit parameters used to define the model. Although no industry wide standard has been adopted for the
CDM, a standard HBM of resistance=1.5Kohms and capacitance = 100pF is widely used and Therefore
can be used for comparison purposes.
Table 4. ESD Ratings
Model
Minimum
Human Body Model
1500 V (Mil-STD-883D, Method 3015, Class 1)
Charged Device Model
1500 V
Absolute Pull Range (APR) Specification
The frequency deviation of the S-Type VCXO is specified in terms of Absolute Pull Range (APR). APR
provides the user with a guaranteed specification for minimum available frequency deviation over all
operating conditions. Operating conditions include operating temperature range, power supply variation,
differences in output loading and changes due to aging.
An S-Type VCXO with an APR of +/-50 ppm will track a +/-50 ppm reference source over all
operating conditions. The same device will typically demonstrate a Total Pull capability of 150 to
350 ppm. Absolute Pull Range (APR) is specified by the fourth character of the product code in Table 6.
Please see Vectron’s web site, www.vectron.com, for the APR Application Note.
Oscillator Aging
Quartz stabilized oscillators typically exhibit a small shift in output frequency during aging. The major
factors which lead to this shift are changes in the mechanical stress on the crystal and mass-loading of
foreign material on the crystal.
As the oscillator ages, relaxation of the crystal mounting stress or transfer of environmental stress
through the package to the crystal mounting arrangement can lead to frequency variations. VI has
minimized these two effects through the use of a miniature AT-Cut strip resonator crystal which allows a
superior mounting arrangement and results in minimal relaxation and almost negligible environmental
stress transfer.


Similar Part No. - SGUGLA44.736

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SGUGLA44.736 VECTRON-SGUGLA44.736 Datasheet
147Kb / 2P
   Voltage Controlled Crystal Oscillators
More results

Similar Description - SGUGLA44.736

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com