Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SA100S-TSU-T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SA100S-TSU-T
Description  Atmel CryptoAuthentication Battery Authentication Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SA100S-TSU-T Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SA100S-TSU-T Datasheet HTML 2Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 3Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 4Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 5Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 6Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 7Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 8Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 9Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Atmel AT88SA100S [DATASHEET]
6
8558F
−CRYPTO−9/11
2.2
AC Parameters
Figure 2-2.
AC Parameters
t
START
t
ZHI
t
ZLO
data comm
WAKE
LOGIC Ø
t
START
t
BIT
LOGIC 1
t
LIGNORE
t
HIGNORE
NOISE
SUPPRESION
t
WLO
t
WHI
3.
Absolute Maximum Ratings*
Operating temperature....................
−40°C to +85°C
Storage temperature ...................
−65°C to + 150°C
Voltage on any pin
with respect to ground ................
− 0.5 to VCC+0.5 V
*NOTICE: Stresses
beyond
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
condition beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods of time may affect device reliability.


Similar Part No. - AT88SA100S-TSU-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
More results

Similar Description - AT88SA100S-TSU-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com