Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SA10HS Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SA10HS
Description  Atmel CryptoAuthentication Host Security Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SA10HS Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SA10HS Datasheet HTML 7Page - ATMEL Corporation AT88SA10HS Datasheet HTML 8Page - ATMEL Corporation AT88SA10HS Datasheet HTML 9Page - ATMEL Corporation AT88SA10HS Datasheet HTML 10Page - ATMEL Corporation AT88SA10HS Datasheet HTML 11Page - ATMEL Corporation AT88SA10HS Datasheet HTML 12Page - ATMEL Corporation AT88SA10HS Datasheet HTML 13Page - ATMEL Corporation AT88SA10HS Datasheet HTML 14Page - ATMEL Corporation AT88SA10HS Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Atmel AT88SA10HS [DATASHEET]
11
8595G
−CRYPTO−9/11
5.4.2
Synchronization Procedures
When the system and the AT88SA10HS fall out of synchronization, the system will ultimately end up sending a Transmit flag
which will not generate a response from the AT88SA10HS. The system should implement its own timeout which waits for
tTIMEOUT during which time the AT88SA10HS should go to sleep automatically. At this point, the system should send a Wake
token and after tWLO + tWHI, a Transmit token. The 0x11 status indicates that the resynchronization was successful.
It may be possible that the system does not get the 0x11 code from the AT88SA10HS for one of the following reasons:
1.
The system did not wait a full tTIMEOUT delay with the IO signal idle in which case the Atmel AT88SA10HS may have
interpreted the Wake token and Transmit flag as data bits. Recommended resolution is to wait twice the tTIMEOUT delay
and re-issue the Wake token.
2.
The AT88SA10HS went into the sleep mode for some reason while the system was transmitting data. In this case, the
AT88SA10HS will interpret the next data bit as a Wake token, but ignore some of the subsequently transmitted bits
during its wake-up delay. If any bytes are transmitted after the wake-up delay, they may be interpreted as a legal flag,
though the following bytes would not be interpreted as a legal command due to an incorrect count or the lack of a
correct CRC. Recommended resolution is to wait the tTIMEOUT delay and re-issue the Wake token.
3.
There are some internal error conditions within the AT88SA10HS which will be automatically reset after a tWATCHDOG
interval, see below. There is no way to externally reset the AT88SA10HS – the system should leave the IO pin idle for
this interval and issue the Wake token.
5.5
Watchdog Failsafe
After the Wake token has been received by the AT88SA10HS, a watchdog counter is started within the chip. After tWATCHDOG,
the chip will enter sleep mode, regardless of whether it is in the middle of execution of a command and/or whether some IO
transmission is in progress. There is no way to reset the counter other than to put the chip to sleep and wake it up again.
This is implemented as a fail-safe so that no matter what happens on either the system side or inside the various state
machines of the AT88SA10HS including any IO synchronization issue, power consumption will fall to the low sleep level
automatically.
5.6
Byte and Bit Ordering
The AT88SA10HS is a little-endian chip:
All multi-byte aggregate elements within this spec are treated as arrays of bytes and are processed in the order
received
Data is transferred to/from the AT88SA10HS least significant bit first on the bus
In this document, the most significant bit and/or byte appears towards the left hand side of the page


Similar Part No. - AT88SA10HS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA10HS ATMEL-AT88SA10HS Datasheet
589Kb / 23P
   CryptoAuthentication??Host Security Chip
AT88SA10HS-SH-T ATMEL-AT88SA10HS-SH-T Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS-TH-T ATMEL-AT88SA10HS-TH-T Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS-TSU-T ATMEL-AT88SA10HS-TSU-T Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
More results

Similar Description - AT88SA10HS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS ATMEL-AT88SA10HS Datasheet
589Kb / 23P
   CryptoAuthentication??Host Security Chip
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA100S ATMEL-AT88SA100S_11 Datasheet
240Kb / 24P
   Atmel CryptoAuthentication Battery Authentication Chip
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com