Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHG5201-AS12Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHG5201-AS12Z
Description  High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5201-AS12Z Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHG5201-AS12Z Datasheet HTML 1Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 2Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 3Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 4Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 5Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 6Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 7Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 8Page - Vishay Siliconix TLHG5201-AS12Z Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Semiconductors
TLHG520., TLHR520., TLHY520.
Document Number 83011
Rev. 1.6, 03-Jun-09
www.vishay.com
1
For technical support, please contact: LED@vishay.com
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
FEATURES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Small viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.52.. with stand-offs
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
19223
DESCRIPTION
The TLH.52.. series was developed for standard
applications
like
general
indicating
and
lighting
purposes.
It is housed in a 5 mm tinted non-diffused plastic
package. The small viewing angle of these devices
provides a high brightness.
Several
selection
types
with
different
luminous
intensities are offered. All LEDs are categorized in
luminous intensity groups. The green and yellow LEDs
are categorized additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
APPLICATIONS
• Status lights
• Off/on indicator
• Background illumination
• Readout lights
• Maintenance lights
• Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 14°
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLHR5200
Red, IV = 50 mcd (typ.)
GaAsP on GaP
TLHR5201
Red, IV = 60 mcd (typ.)
GaAsP on GaP
TLHR5205
Red, IV = 70 mcd (typ.)
GaAsP on GaP
TLHY5200
Yellow, IV = 50 mcd (typ.)
GaAsP on GaP
TLHG5200
Green, IV = 40 mcd (typ.)
GaP on GaP
TLHG5201
Green, IV = 45 mcd (typ.)
GaP on GaP
TLHG5201-AS12Z
Green, IV = 45 mcd (typ.)
GaP on GaP
TLHG5205
Green, IV = 50 mcd (typ.)
GaP on GaP
TLHG5205-AS21
Green, IV = 50 mcd (typ.)
GaP on GaP


Similar Part No. - TLHG5201-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG5201 VISHAY-TLHG5201 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
More results

Similar Description - TLHG5201-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
01-Jan-2023
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. A1, 04-Feb-99
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.9, 25-Jul-13
TLHG620 VISHAY-TLHG620_V01 Datasheet
193Kb / 8P
   High Efficiency LED, 횠 5 mm Tinted Non-Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com