Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67078-A4205-A2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67078-A4205-A2
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67078-A4205-A2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67078-A4205-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67078-A4205-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Jul-30-1996
BUP 302
Typ. output characteristics
IC = f(VCE)
parameter:
tp = 80 µs, Tj = 125 °C
Typ. transfer characteristics
IC = f (VGE)
parameter:
tP = 80 µs, VCE = 20 V, Tj = 25 °C
Typ. saturation characteristics
VCE(sat) = f (VGE)
parameter:
Tj = 25 °C
Typ. saturation characteristics
VCE(sat) = f (VGE)
parameter:
Tj = 125 °C


Similar Part No. - Q67078-A4205-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67078-A4200-A2 SIEMENS-Q67078-A4200-A2 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Q67078-A4201-A2 SIEMENS-Q67078-A4201-A2 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Q67078-A4202-A2 SIEMENS-Q67078-A4202-A2 Datasheet
431Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Q67078-A4203-A2 SIEMENS-Q67078-A4203-A2 Datasheet
338Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Q67078-A4204-A2 SIEMENS-Q67078-A4204-A2 Datasheet
113Kb / 5P
   IGBT (High switching speed Low tail current Latch-up free Avalanche rated)
More results

Similar Description - Q67078-A4205-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP200 SIEMENS-BUP200 Datasheet
300Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP300 SIEMENS-BUP300 Datasheet
338Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP313 SIEMENS-BUP313 Datasheet
99Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP400 SIEMENS-BUP400 Datasheet
148Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com