Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5812 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5812
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5812 Datasheet HTML 2Page - Analog Devices ADL5812 Datasheet HTML 3Page - Analog Devices ADL5812 Datasheet HTML 4Page - Analog Devices ADL5812 Datasheet HTML 5Page - Analog Devices ADL5812 Datasheet HTML 6Page - Analog Devices ADL5812 Datasheet HTML 7Page - Analog Devices ADL5812 Datasheet HTML 8Page - Analog Devices ADL5812 Datasheet HTML 9Page - Analog Devices ADL5812 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5812
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. CAN BE GROUNDED.
2. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
RF1
RFCT1
NC
NC
NC
NC
NC
NC
RFCT2
RF2
V1LO1
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
V2LO1
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADL5812
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10
RF1, RF2
RF Input. Should be ac-coupled.
2, 9
RFCT1, RFCT2
RF Balun Center Tap (AC Ground).
3 to 8, 13, 16, 27 to 29, 35, 38
NC
No Connect. Can be grounded.
11, 40
VPIF1, VPIF2
Supply Voltage for IF Amplifier.
12, 39
IFGM1, IFGM2
IF Amplifier Bias Control.
14, 15, 36, 37
IFOP1, IFOP2, IFON1, IFON2
Differential Open-Collector IF Outputs. Should be pulled up to VCC via
external inductors.
17, 34
IFGD1, IFGD2
Supply Return for IF Amplifier. Must be grounded.
18 to 21, 30 to 33
V1LO1, V1LO2, V1LO3, V1LO4,
V2LO1, V2LO2, V2LO3, V2LO4
Positive Supply Voltages for LO Amplifiers.
22, 23, 24
CLK, DATA, LE
Serial Port Interface Control.
25
LOIN
Ground Return for LO Input. Must be ac coupled.
26
LOIP
LO Input. Should be ac-coupled.
EPAD
Exposed pad must be connected to ground.


Similar Part No. - ADL5812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811-EVALZ AD-ADL5811-EVALZ Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811ACPZ-R7 AD-ADL5811ACPZ-R7 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results

Similar Description - ADL5812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
   High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Mini-Circuits
MDA4-752H MINI-MDA4-752H Datasheet
261Kb / 5P
   Wideband Double Balanced Mixer-Amplifier
logo
Hittite Microwave Corpo...
HMC686LP4 HITTITE-HMC686LP4 Datasheet
1Mb / 18P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com