Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7944 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 5 Page - Analog Devices

  AD7944 Datasheet HTML 1Page - Analog Devices AD7944 Datasheet HTML 2Page - Analog Devices AD7944 Datasheet HTML 3Page - Analog Devices AD7944 Datasheet HTML 4Page - Analog Devices AD7944 Datasheet HTML 5Page - Analog Devices AD7944 Datasheet HTML 6Page - Analog Devices AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 5 of 28
+5 V SUPPLY
TA = 25°C, G = +1, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
230
MHz
G = +1, VOUT = 2 V p-p
30
MHz
G = +2, VOUT = 0.02 V p-p
90
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 100 Ω
7
MHz
Slew Rate
G = +2, VOUT = 3 V step
100
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
45
ns
Settling Time to 0.01%
G = +2, VOUT = 2 V step
95
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (dBc) SFDR
fC = 100 kHz, VOUT = 2 V p-p
−115
dBc
fC = 1 MHz, VOUT = 2 V p-p
−93
dBc
fC = 2 MHz, VOUT = 2 V p-p
−80
dBc
fC = 5 MHz, VOUT = 2 V p-p
−61
dBc
Input Voltage Noise
f = 10 Hz
2.4
nV/√Hz
f = 100 kHz
1
nV/√Hz
Input Current Noise
f = 10 Hz
31
pA/√Hz
f = 100 kHz
2.8
pA/√Hz
0.1 Hz to 10 Hz Noise
G = +101, RF = 1 kΩ, RG = 10 Ω
99
nV p-p
DC PERFORMANCE
Input Offset Voltage
−500
−30
+500
μV
Input Offset Voltage Drift
0.2
μV/°C
Input Bias Current
−17
−11
−4
μA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
−0.6
−0.02
+0.6
μA
Open-Loop Gain
VOUT = 0.5 V to 4.5 V
97
110
dB
INPUT CHARACTERISTICS
Input Resistance
Common mode/differential
10 M/10 k
Ω
Input Capacitance
Common mode/differential
3/11
pF
Input Common-Mode Voltage Range
0.1 to 4.1
V
Common-Mode Rejection
VCM = +1 V to +4 V
−91
−118
dB
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
VIN = 0 V to 5 V, G = +2
96
ns
+Output Voltage Swing
RL = 1 kΩ
4.85
4.98
V
−Output Voltage Swing
RL = 1 kΩ
0.15
0.014
V
+Output Voltage Swing
RL = 100 Ω
4.8
4.88
V
−Output Voltage Swing
RL = 100 Ω
0.2
0.08
Output Current
45 dBc SFDR
70
mA
Short-Circuit Current
Sinking/sourcing
125
mA
Capacitive Load Drive
30% overshoot, G = +2
39
pF
POWER SUPPLY
Operating Range
3 to 10
V
Quiescent Current per Amplifier
2.6
2.8
2.9
mA
DISABLE = 0 V
0.18
Positive Power Supply Rejection
+VS = 4.5 V to 5.5 V, −VS = 0 V
−96
−123
dB
Negative Power Supply Rejection
+VS = 5 V, −VS = −0.5 V to +0.5 V
−96
−121
dB


Similar Part No. - AD7944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7944 AD-AD7944 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
632Kb / 28P
   1 nV/?숰z, Low Power
REV. B
AD7944 AD-AD7944 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
AD7944BCPZ AD-AD7944BCPZ Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

Similar Description - AD7944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4807-1 AD-ADA4807-1 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
ADA4895-1 AD-ADA4895-1 Datasheet
591Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com