Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4051-2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4051-2
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4051-2 Datasheet HTML 6Page - Analog Devices ADA4051-2 Datasheet HTML 7Page - Analog Devices ADA4051-2 Datasheet HTML 8Page - Analog Devices ADA4051-2 Datasheet HTML 9Page - Analog Devices ADA4051-2 Datasheet HTML 10Page - Analog Devices ADA4051-2 Datasheet HTML 11Page - Analog Devices ADA4051-2 Datasheet HTML 12Page - Analog Devices ADA4051-2 Datasheet HTML 13Page - Analog Devices ADA4051-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 10 of 24
0
20
40
60
80
100
120
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
VSY = ±2.5V
Figure 21. Output Voltage (VOH) to Supply Rail vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
02468
10 12 14 16 18 20 22 24 26 28 30
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
Figure 22. Supply Current vs. Supply Voltage
–135
–90
–45
0
45
90
135
–40
–20
0
20
40
60
80
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20pF
200pF
GAIN
PHASE
VSY =±2.5V
RL = 10kΩ
Figure 23. Open-Loop Gain and Phase vs. Frequency
0
100
200
300
400
500
600
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
VSY = ±15V
Figure 24. Output Voltage (VOH) to Supply Rail vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY =±15V
VSY =±2.5V
VSY =±5V
Figure 25. Supply Current vs. Temperature
–135
–90
–45
0
45
90
135
–40
–20
0
20
40
60
80
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20pF
200pF
GAIN
PHASE
VSY =±15V
RL = 10kΩ
Figure 26. Open-Loop Gain and Phase vs. Frequency


Similar Part No. - ADA4051-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-2 AD-ADA4051-2 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
153Kb / 5P
   Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
669Kb / 22P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
ADA4051-2 AD-ADA4051-2 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results

Similar Description - ADA4051-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4638-1 AD-ADA4638-1_16 Datasheet
912Kb / 25P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA2186 TI-OPA2186_V02 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com