Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8684 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8684
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8684 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8684 Datasheet HTML 4Page - Analog Devices AD8684 Datasheet HTML 5Page - Analog Devices AD8684 Datasheet HTML 6Page - Analog Devices AD8684 Datasheet HTML 7Page - Analog Devices AD8684 Datasheet HTML 8Page - Analog Devices AD8684 Datasheet HTML 9Page - Analog Devices AD8684 Datasheet HTML 10Page - Analog Devices AD8684 Datasheet HTML 11Page - Analog Devices AD8684 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4096-2
Data Sheet
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
±1.5 V CHARACTERISTICS
180
0
20
40
60
80
100
120
140
160
VOS (µV)
ADA4096-2
VSY = ±1.5V
TA = 25°C
Figure 3. Input Offset Voltage Distribution
25
20
15
10
5
0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
TCVOS (µV/°C)
ADA4096-2
VSY = ±1.5V
TA = –40°C TO +125°C
Figure 4. Offset Voltage Drift Distribution
30
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–40
–30
–20
–10
0
10
20
VCM (V)
ADA4096-2
VSY = ±1.5V
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
Figure 5. Input Bias Current vs. VCM and Temperature
10k
1k
100
0.001
0.01
0.1
1
10
100
10
1
LOAD CURRENT (mA)
ADA4096-2
VSY = ±1.5V
TA = 25°C
SOURCING
SINKING
Figure 6. Dropout Voltage vs. Load Current
140
120
100
80
60
40
20
0
–20
–40
100
1k
10k
100k
1M
10M
–60
200
150
100
50
0
–50
–100
FREQUENCY (Hz)
ADA4096-2
VSY = ±1.5V
TA = 25°C
GAIN
PHASE
Figure 7. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
–30
–40
10
100
1k
10k
100k
1M
10M
–50
FREQUENCY (Hz)
ADA4096-2
VSY = ±1.5V
TA = 25°C
G = +100
G = +10
G = +1
Figure 8. Closed-Loop Gain vs. Frequency


Similar Part No. - AD8684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8684 AD-AD8684 Datasheet
327Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. 0
AD8684 AD-AD8684 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
AD8684 AD-AD8684 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
AD8684ARUZ AD-AD8684ARUZ Datasheet
327Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. 0
AD8684ARUZ AD-AD8684ARUZ Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
More results

Similar Description - AD8684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
   Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
[Old version datasheet]   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
   36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
[Old version datasheet]   LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com