Electronic Components Datasheet Search |
|
AD7606-6 Datasheet(PDF) 7 Page - Analog Devices |
|
AD7606-6 Datasheet(HTML) 7 Page - Analog Devices |
7 / 32 page Data Sheet AD7608 Rev. A | Page 7 of 32 Limit at TMIN, TMAX Parameter Min Typ Max Unit Description t13 Delay from A CSE A until DB[15:0] three-state disabled 16 ns VDRIVE above 4.75 V 20 ns VDRIVE above 3.3 V 25 ns VDRIVE above 2.7 V 30 ns VDRIVE above 2.3 V t143 Data access time after A RDE A falling edge 16 ns VDRIVE above 4.75 V 21 ns VDRIVE above 3.3 V 25 ns VDRIVE above 2.7 V 32 ns VDRIVE above 2.3 V t15 6 ns Data hold time after A RDE A falling edge t16 6 ns A CSE A to DB[15:0] hold time t17 22 ns Delay from A CSE A rising edge to DB[15:0] three-state enabled SERIAL READ OPERATION fSCLK Frequency of serial read clock 23.5 MHz VDRIVE above 4.75 V 17 MHz VDRIVE above 3.3 V 14.5 MHz VDRIVE above 2.7 V 11.5 MHz VDRIVE above 2.3 V t18 Delay from A CSE A until DOUTA/DOUTB three-state disabled/delay from A CSE A until MSB valid 15 ns VDRIVE above 4.75 V 20 ns VDRIVE above 3.3 V 30 ns VDRIVE = 2.3 V to 2.7 V t19 11F 3 Data access time after SCLK rising edge 17 ns VDRIVE above 4.75 V 23 ns VDRIVE above 3.3 V 27 ns VDRIVE above 2.7 V 34 ns VDRIVE above 2.3 V t20 0.4 tSCLK ns SCLK low pulse width t21 0.4 tSCLK ns SCLK high pulse width t22 7 SCLK rising edge to DOUTA/DOUTB valid hold time t23 22 ns A CSE A rising edge to DOUTA/DOUTB three-state enabled FRSTDATA OPERATION t24 Delay from A CSE A falling edge until FRSTDATA three-state disabled 15 ns VDRIVE above 4.75 V 20 ns VDRIVE above 3.3 V 25 ns VDRIVE above 2.7 V 30 ns VDRIVE above 2.3 V t25 ns Delay from A CSE A falling edge until FRSTDATA high, serial mode 15 ns VDRIVE above 4.75 V 20 ns VDRIVE above 3.3 V 25 ns VDRIVE above 2.7 V 30 ns VDRIVE above 2.3 V t26 Delay from A RDE A falling edge to FRSTDATA high 16 ns VDRIVE above 4.75 V 20 ns VDRIVE above 3.3 V 25 ns VDRIVE above 2.7 V 30 ns VDRIVE above 2.3 V |
Similar Part No. - AD7606-6 |
|
Similar Description - AD7606-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |