Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7606 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7606
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7606 Datasheet HTML 6Page - Analog Devices AD7606 Datasheet HTML 7Page - Analog Devices AD7606 Datasheet HTML 8Page - Analog Devices AD7606 Datasheet HTML 9Page - Analog Devices AD7606 Datasheet HTML 10Page - Analog Devices AD7606 Datasheet HTML 11Page - Analog Devices AD7606 Datasheet HTML 12Page - Analog Devices AD7606 Datasheet HTML 13Page - Analog Devices AD7606 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7608
Data Sheet
Rev. A | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVCC to AGND
−0.3 V to +7 V
VDRIVE to AGND
−0.3 V to AVCC + 0.3 V
Analog Input Voltage to AGND1
±16.5 V
Digital Input Voltage to AGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to AGND
−0.3 V to VDRIVE + 0.3 V
REFIN to AGND
−0.3 V to AVCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
B Version
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb/SN Temperature, Soldering
Reflow (10 sec to 30 sec)
240 (+0)°C
Pb-Free Temperature, Soldering Reflow
260 (+0)°C
ESD (All Pins Except Analog Inputs)
2 kV
ESD (Analog Input Pins Only)
7 kV
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. These
specifications apply to a 4-layer board.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead LQFP
45
11
°C /W
ESD CAUTION


Similar Part No. - AD7606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit
REV. A
AD7606 AD-AD7606 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606-4 AD-AD7606-4 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results

Similar Description - AD7606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606C-18 AD-AD7606C-18 Datasheet
1Mb / 75P
   8-Channel DAS with 18-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com