Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN08505 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN08505
Description  85MHz SAW Filter 10MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN08505 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN08505 Datasheet HTML 1Page - SIPAT Co,Ltd LBN08505 Datasheet HTML 2Page - SIPAT Co,Ltd LBN08505 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN08505
Rev. Date
2011-07-12
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
85MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN08505
Typical Performance
Frequency Response
Passband Response
60
65
70
75
80
85
90
95
100
105
110
-101.9073
-91.9073
-81.9073
-71.9073
-61.9073
-51.9073
-41.9073
-31.9073
-21.9073
-11.9073
-1.9073
Type Performance
Frequency(MHz)
75
80
85
90
95
-14.4073
-13.9073
-13.4073
-12.9073
-12.4073
-11.9073
-11.4073
-10.9073
-10.4073
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±5.5MHz)
Phase Linearity(f0±5.5MHz)
75
80
85
90
95
400
600
800
1000
1200
1400
1600
1800
X: 85
Y: 1202
Type Performance
Frequency(MHz)
X: 90.5
Y: 1097
X: 79.5
Y: 1157
75
80
85
90
95
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 90.5
Y: 3.929
Type Performance
Frequency(MHz)
X: 79.5
Y: -0.9877
X: 85
Y: 1.022
Horizontal: 5MHz/Div
Vertical: 200ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN08505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08505 SIPAT-LBN08505 Datasheet
135Kb / 3P
   85MHz SAW Filter
More results

Similar Description - LBN08505

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT08504 SIPAT-LBT08504 Datasheet
140Kb / 3P
   4MHz SAW Filter 85MHz Bandwidth
LBT08504 SIPAT-LBT08504 Datasheet
145Kb / 3P
   4MHz SAW Filter 85MHz Bandwidth
LBT11803 SIPAT-LBT11803 Datasheet
140Kb / 3P
   117.5MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT15013 SIPAT-LBT15013 Datasheet
148Kb / 3P
   150MHz SAW Filter 10MHz Bandwidth
LBT13301 SIPAT-LBT13301 Datasheet
150Kb / 3P
   133MHz SAW Filter 10MHz Bandwidth
LBN12002 SIPAT-LBN12002 Datasheet
193Kb / 3P
   120MHz SAW Filter 10MHz Bandwidth
LBT72301 SIPAT-LBT72301 Datasheet
346Kb / 3P
   723MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
290Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com