Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN140A46 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN140A46
Description  140MHz SAW Filter 9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A46 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN140A46 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A46 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A46 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN140A46
Rev. Date
2009-12-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN140A46
Typical Performance
Frequency Response
Passband Response
115
120
125
130
135
140
145
150
155
160
165
-113.0906
-103.0906
-93.0906
-83.0906
-73.0906
-63.0906
-53.0906
-43.0906
-33.0906
-23.0906
-13.0906
Type Performance
Frequency(MHz)
130
132
134
136
138
140
142
144
146
148
150
-25.5906
-25.0906
-24.5906
-24.0906
-23.5906
-23.0906
-22.5906
-22.0906
-21.5906
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4MHz)
Phase Linearity(f0±4MHz)
134
136
138
140
142
144
146
2600
2800
3000
3200
3400
3600
3800
X: 140
Y: 3231
Type Performance
Frequency(MHz)
X: 144
Y: 3230
X: 136
Y: 3139
134
136
138
140
142
144
146
-80
-60
-40
-20
0
20
40
60
X: 144
Y: 10.12
Type Performance
Frequency(MHz)
X: 140
Y: -4.263
X: 136
Y: 2.308
Horizontal: 2MHz/Div
Vertical: 200ns/Div
Horizontal: 2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN140A46

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A46 SIPAT-LBN140A46 Datasheet
193Kb / 3P
   140MHz SAW Filter
More results

Similar Description - LBN140A46

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14018 SIPAT-LBN14018 Datasheet
195Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN140A34 SIPAT-LBN140A34 Datasheet
194Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN14018 SIPAT-LBN14018 Datasheet
189Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LB140DS47 SIPAT-LB140DS47 Datasheet
152Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
146Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
   455.9MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com