Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA68 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPA68
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPA68 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPA68 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPA68 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPA68 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPA68 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMTPA68 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMTPA68 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4.
5± 0.15
1.
25± 0.2
0.2± 0.05
5.
3± 0.2
SMB
GR-1089 Core first level
2/10
10/1000
2/10
10/1000
500
100
12
10
GR-1089 Core second level
2/10
2/10
500
24
GR-1089 Core Intra-building
2/10
2/10
100
0
ITU-T-K20/K21
10/700
5/310
150
37.5
53
0
ITU-T-K20 (IEC61000-4-2)
1/60 ns
0
0
VDE0433
0
5/310
100
50
21.5
0
VDE0878
1.2/50
1/20
100
50
0
0
IEC
-1000-4-5
10/700
1.2/50
5/310
8/20
100
100
21.5
0
FCCPart68,lightning surgetypeA
10/160
10/560
10/160
10/560
200
100
12.5
6.5
FCCPart68,lightning surgetypeB
9/720
5/320
25
0
FEATURES
ESD contact discharge
ESD air discharge
6000
1500
6000
8000
4000
2000
1500
800
1000
4000
2000
4000
4000
C
omplies with the
following standards:
2500
1000
Peak
surge
voltage
(V)
1500
Necessary
resistor
(
)
SMTPAxxx
GALAXY ELECTRICAL
Holding current: IH=150mA min
Repetitive peak pulse current:
The SMTPAxxx series has been designed to protect
transient induced by AC power lines.The package/die
Bidirectional crowbar protection
size ratio has been optimized by using the SMB package.
Low leakage current: IR=2μA max
SCHEMATIC DIAGRAM
BREAKDOWN VOLTAGE: 62 --- 270 V
PEAK PULSE POWER: 5000 W
5000
Voltage range from 62V to 270V
Low capacitance from 15pF to 30pF typ.@50V
Voltage
waveform
(
s)
Current
waveform
(
s)
Required
peak current
(A)
TELECOMMUNICATION PROTECTION
DESCRIPTION
IPP=50A,10/1000μs.
telecommunication equipment against lightning and
BLGALAXY ELECTRICAL
Document Number 0286002
1.
www.galaxycn.com
BL
Dimensions in millimeters


Similar Part No. - SMTPA68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA68 STMICROELECTRONICS-SMTPA68 Datasheet
61Kb / 5P
   TRISILETM
SMTPA68 STMICROELECTRONICS-SMTPA68 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA68 STMICROELECTRONICS-SMTPA68 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Frontier Electronics.
SMTPA68 FRONTIER-SMTPA68 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA68

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com