Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF07A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # UF07A
Description  HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE: 50 - 1000 V CURRENT: 0.7 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UF07A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  UF07A_04 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UF07A_04 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.01
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
UF07A-UF07D
UF07J-UF07M
UF07G
BLGALAXY ELECTRICAL
RATING AND CHARACTERISTIC CURVES
UF07A - - - UF07M
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
12
4
6 8 10
20
40
60 80 100
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE,
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75 100
125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, V
T J = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0
20
40
60
80
100
120
140
.1
.5
1
5
100
10
50
Document Number 0280086
2.
www.galaxycn.com


Similar Part No. - UF07A_04

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF07AU1 CHENDA-UF07AU1 Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - UF07A_04

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US2A DACHANG-US2A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
US1A DACHANG-US1A Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
logo
First Silicon Co., Ltd
S1AF FS-S1AF Datasheet
608Kb / 2P
   Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
logo
SeCoS Halbleitertechnol...
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
HER301GR SECOS-HER301GR Datasheet
175Kb / 2P
   Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
HER501GR SECOS-HER501GR Datasheet
264Kb / 2P
   Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com