Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSX205L-30 Datasheet(PDF) 1 Page - Rohm

Part # RSX205L-30
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSX205L-30 Datasheet(HTML) 1 Page - Rohm

  RSX205L-30 Datasheet HTML 1Page - Rohm RSX205L-30 Datasheet HTML 2Page - Rohm RSX205L-30 Datasheet HTML 3Page - Rohm RSX205L-30 Datasheet HTML 4Page - Rohm RSX205L-30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RSX205L-30
lApplications
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
General rectification
lFeatures
1)Small power mold type.(PMDS)
2)High reliability.
3)Low IR , Low VF.
lConstruction
lStructure
Silicon epitaxial planer
lAbsolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
lElectrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
-
0.49
V
IF=2.0A
IR
-
-
200
μA
VR=30V
Reverse current
Junction temperature
150
Storage temperature
-40 to +150
(*1)On the Glass epoxy board, Tc=95°C MAX.
Parameter
Reverse voltage (DC)
30
Average rectified forward current (*1)
2.0
Forward current surge peak (60Hz・1cyc)
60
lTaping dimensions (Unit : mm)
Parameter
Limits
Reverse voltage (repetitive)
30
PMDS
2.0
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ 1.55±0.05
φ 1.55
0.3
2.8MAX
ROHM : PMDS
JEDEC : SOD-106
Manufacture Date
8
5
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
1/4
2011.10 - Rev.A


Similar Part No. - RSX205L-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX205L-30 ROHM-RSX205L-30 Datasheet
565Kb / 8P
   Schottky Barrier Diode
RSX205L-30 ROHM-RSX205L-30_15 Datasheet
565Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RSX205L-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com