Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C013 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-C013
Description  10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C013 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-C013_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C013_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C013_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C013_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C013_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C013_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9 - 35
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
Pin Number
Function
Description
Interface Schematic
1
RFIN &
RF Ground
RF input connector, SMA female. This pin is AC coupled
and matched to 50 Ohms.
2
VIN
Power supply voltage for the amplifier.
3
GND
Power supply ground.
4
RFOUT &
RF Ground
RF output connector, SMA female. This pin is AC coupled
and matched to 50 Ohms.
5
GND
Ground for thermal fault indicator and enable circuit.
6
Thermal Fault
Indicator
Open drain output. High impedance for base plate
temperatures less than 55 °C. Low impedance for base
plate temperatures exceeding 75 °C.
7Enable
TTL compatible supply voltage (VIN) shutdown. If enable
feature is not required, short this pin to DC ground.
TTL “High” Disable
TTL “Low” Enable
Pin Descriptions
Recommended Biasing Procedure
TURN-ON
1. Connect RF input and output
2. Apply Supply Voltage VIN (+12 Vdc)
3. Set Enable low
4. Apply RF input signal
TURN-OFF
1. Remove RF input signal
2. Remove Supply Voltage VIN
HMC-C013
v03.1007
10 WATT POWER AMPLIFIER
MODULE, 800 - 2000 MHz


Similar Part No. - HMC-C013_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013 Datasheet
842Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
More results

Similar Description - HMC-C013_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013 Datasheet
842Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
logo
List of Unclassifed Man...
PM2105 ETC-PM2105 Datasheet
834Kb / 4P
   1 WATT RFIC POWER AMPLIFIER 800 TO 2000 MHZ OPERATION
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM08010-51LD STEALTH_MICROWAVE-SM08010-51LD Datasheet
150Kb / 3P
   800 - 1000 MHz 120 Watt Power Amplifier
logo
Hittite Microwave Corpo...
HMC-C012 HITTITE-HMC-C012_10 Datasheet
0Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
logo
Stealth Microwave, Inc.
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com