Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C10 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZX85C10
Description  SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX85C10 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZX85C10 Datasheet HTML 1Page - Central Semiconductor Corp BZX85C10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
BZX85C3V3
THRU
BZX85C33
SURFACE MOUNT
1.3W SILICON ZENER DIODE
3.3 VOLTS THRU 33 VOLTS
R0 (12-May 2009)
DO-41 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.2V MAX @ IF=200mA (for all types)
Type
Zener Voltage
VZ @ IZT
Test
Current
Maximum Zener
Impedance
Maximum
Reverse
Current
Maximum
Reverse
Surge
Current
Maximum
Zener
Current
MIN
(V)
NOM
(V)
MAX
(V)
IZT
(mA)
ZZT@IZT
(Ω)
ZZK @ IZK
(Ω)
(mA)
IR @ VR
(μA)
(V)
IRSM
(mA)
IZM
(mA)
BZX85C13
12.4
13
13.7
20
10
400
0.5
0.5
9.1
344
69
BZX85C15
14.3
15
15.8
15
15
500
0.5
0.5
10.5
304
61
BZX85C16
15.2
16
16.8
15
15
500
0.5
0.5
11.0
285
57
BZX85C18
17.1
18
18.9
15
20
500
0.5
0.5
12.5
250
50
BZX85C20
19.0
20
21.0
10
24
600
0.5
0.5
14.0
225
45
BZX85C22
20.9
22
23.1
10
25
600
0.5
0.5
15.5
205
41
BZX85C24
22.8
24
25.2
10
25
600
0.5
0.5
17.0
190
38
BZX85C27
25.7
27
28.4
8.0
30
750
0.25
0.5
19.0
170
34
BZX85C30
28.5
30
31.5
8.0
30
1,000
0.25
0.5
21.0
150
30
BZX85C33
31.4
33
34.7
8.0
35
1,200
0.25
0.5
23.0
135
27


Similar Part No. - BZX85C10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C10 VISHAY-BZX85C10 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C10 RECTRON-BZX85C10 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C10 NJSEMI-BZX85C10 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C10 FAIRCHILD-BZX85C10 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C10 TSC-BZX85C10 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CLL4728A CENTRAL-CLL4728A Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
101Kb / 2P
   SURFACE MOUNT 5-LINE SILICON TVS/ZENER ARRAY 3.3 VOLTS THRU 36 VOLTS
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com