Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC283LM1 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC283LM1
Description  SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC283LM1 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC283LM1_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC283LM1_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 6
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Evaluation PCB
The grounded Co-Planar Wave Guide (CPWG) PCB input/output transitions allow use of Ground-Signal-Ground
(GSG) probes for testing. Suggested probe pitch is 400um (16 mils). Alternatively, the board can be mounted in a
metal housing with 2.4 mm coaxial connectors.
Evaluation Circuit Board Layout Design Details
LM1 Evaluation PCB
LM1 Package Mounted to Evaluation PCB
Layout Technique
Micro Strip to CPWG
Material
Rogers 4003 with 1/2 oz. Cu
Dielectric Thickness
0.008” (0.20 mm)
Microstrip Line Width
0.018” (0.46 mm)
CPWG Line Width
0.016” (0.41 mm)
CPWG Line to GND Gap
0.005” (0.13 mm)
Ground Via Hole Diameter
0.008” (0.20 mm)
C1
100 pF Capacitor, 0402 Pkg.
C2
33,000 pF Capacitor, 1206 Pkg.
R1
1,000 Ohm Resistor, 0402 Pkg.
R2
100 Ohm Resistor, 0402 Pkg.
HMC283LM1
SMT MEDIUM POWER GaAs MMIC
AMPLIFIER, 17 - 40 GHz
v04.1201


Similar Part No. - HMC283LM1_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283LM1 HITTITE-HMC283LM1_01 Datasheet
312Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_06 Datasheet
438Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
More results

Similar Description - HMC283LM1_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_01 Datasheet
312Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_06 Datasheet
438Kb / 8P
   SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283 Datasheet
284Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC-APH196 HITTITE-HMC-APH196 Datasheet
204Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 17 - 30 GHz
HMC-APH510 HITTITE-HMC-APH510 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 37 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com