Part Name
         Description
C165

 C16x-Family of High-Performance CMOS 16-Bit Microcontrollers ( 49 Page)


SIEMENS
100% 
Zoom Out Zoom In
 8 page
background image
C165
Semiconductor Group
7
PORT0:
P0L.0 –
P0L.7,
P0H.0 -
P0H.7
43 –
50
53 –
60
I/O
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state.
In case of an external bus configuration, PORT0 serves as
the address (A) and address/data (AD) bus in multiplexed bus
modes and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 - A15
AD8 - AD15
PORT1:
P1L.0 –
P1L.7,
P1H.0 -
P1H.7
61 -
68
69 - 70,
73 - 78
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L
and P1H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state. PORT1 is used as the 16-bit
address bus (A) in demultiplexed bus modes and also after
switching from a demultiplexed bus mode to a multiplexed
bus mode.
RSTIN
81
I
Reset Input with Schmitt-Trigger characteristics. A low level at
this pin for a specified duration while the oscillator is running
resets the C165. An internal pullup resistor permits power-on
reset using only a capacitor connected to
V
SS.
RSTOUT 82
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or a
watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
83
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C165 to go into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
Pin Definitions and Functions (cont’d)
Symbol
Pin
No.
Input (I)
Output (O)
Function



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAB80C166WC16x-Family of High-Performance CMOS 16-Bit Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
C167High-Performance CMOS 16-Bit Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
SAB80C166WHigh-Performance CMOS 16-Bit Microcontrollers 1 2 3 4 5 MoreInfineon Technologies AG
TMP95C061CMOS 16-bit Microcontrollers 1 2 3 4 5 MoreToshiba Semiconductor
C167CR-16RM16-Bit CMOS Single-Chip Microcontrollers 1 2 3 4 5 MoreSiemens Semiconductor Group
AM186High-Performance 80C186- and 80C188-Compatible 16-Bit Embedded Microcontrollers with RAM 1 2 3 4 5 MoreAdvanced Micro Devices
S3C3410X16-Bit CMOS Microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
M87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM 1 2 3 4 5 MoreIntel Corporation
TMP91CW12FCMOS 16-BIT MICROCONTROLLERS 1 2 3 4 5 MoreToshiba Semiconductor
PIC17C75XHigh-Performance 8-Bit CMOS EPROM Microcontrollers 1 2 3 4 5 MoreMicrochip Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl