Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5333 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N5333
Description  PNP SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5333 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N5333 Datasheet HTML 1Page - Central Semiconductor Corp 2N5333 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
{
}
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
2.0
A
Peak Collector Current (tp < 0.3ms)
ICM
5.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation (TA=25°C)
PD
1.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
175
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICES
VCE=90V
10
μA
ICES
VCE=50V (TC=150°C)
500
μA
ICEO
VCE=40V
50
μA
IEBO
VEB=4.0V
1.0
μA
IEBO
VEB=6.0V
100
μA
BVCEO
IC=30mA
80
V
VCE(SAT)
IC=1.0A, IB=100mA
0.45
V
VCE(SAT)
IC=2.0A, IB=400mA
1.0
V
VBE(ON)
VCE=4.0V, IC=2.0A
1.5
V
hFE
VCE=4.0V, IC=1.0A
30
120
hFE
VCE=4.0V, IC=2.0A
10
hfe
VCE=10V, IC=1.0A, f=1KHz
30
fT
VCE=10V, IC=1.0A
30
MHz
ton
IC=1.0A, IB1=IB2=100mA
150
ns
toff
VBE(OFF)=3.7V, RL=20Ω
450
ns
2N5333
PNP SILICON POWER TRANSISTOR
TO-39 CASE
Central
Semiconductor Corp.
TM
R0 (25-September 2008)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N5333 is
a PNP Silicon Power Transistor manufactured
by the epitaxial planar process, mounted in a
hermetically sealed metal case, designed for
amplifier and switching applications.
MARKING: FULL PART NUMBER


Similar Part No. - 2N5333

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5333 SEME-LAB-2N5333 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Central Semiconductor C...
2N5333 CENTRAL-2N5333 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N5333 NJSEMI-2N5333 Datasheet
124Kb / 1P
   P-N-P SILICON POWER TRANSISTOR
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
More results

Similar Description - 2N5333

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com