Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC240 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC240
Description  GaAs MMIC SPDT SWITCH DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC240 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC240_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Truth Table: Positive Control Voltage
Absolute Maximum Ratings
Control Input
Control Current
Signal Path State
A
(Vdc)
B
(Vdc)
Ia
(uA)
Ib
(uA)
RFC to
RF1
RFC to
RF2
0
+5
-50
50
ON
OFF
+5
0
50
-50
OFF
ON
RF Input Power
V
ctrl
= 0/+5 (-5)V
< 0.5 GHz
0.5 - 4 GHz
+27 dBm
+34 dBm
Control Voltage Range (A & B= 0/+5V)
-0.2 to +10 Vdc
Control Voltage Range (A & B= -5/0V)
-10 to +0.2 Vdc
Storage Temperature
-65 to +150 deg C
Operating Temperature
-55 to +85 deg C
ESD Sensitivity (HBM)
Class 1A
Positive Control Voltage
State
Bias Condition
Low
0 Vdc @ 10 uA
High
+3 Vdc @ 10 uA to +8 Vdc @ 70 uA
Control input voltage tolerences are ±0.2 Vdc.
Note:
This part can be controlled with either positive or negative
voltages per the above table. DC blocks are required at
ports RFC, RF1 and RF2 if positive control voltage is used.
Truth Table: Negative Control Voltage
Control Input
Control Current
Signal Path State
A
(Vdc)
B
(Vdc)
Ia
(uA)
Ib
(uA)
RFC to
RF1
RFC to
RF2
-5
0
-50
50
ON
OFF
0-5
50
-50
OFF
ON
Negative Control Voltage
State
Bias Condition
Low
-3 Vdc @ 10 uA to -8 Vdc @ 70 uA
High
0 Vdc @ 10 uA
Control input voltage tolerences are ±0.2 Vdc.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC240
v02.0910
GaAs MMIC SPDT SWITCH
DC - 4 GHz


Similar Part No. - HMC240_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
   Telecom Infrastructure
More results

Similar Description - HMC240_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Stanford Microdevices
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-408 STANFORD-SSW-408 Datasheet
104Kb / 2P
   DC-4 GHz High Power GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com