Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3637 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3637
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3637 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3637 Datasheet HTML 1Page - Central Semiconductor Corp 2N3637 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3637
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3637 is a PNP
Silicon Transistor, mounted in a hermetically sealed
TO-39 package, designed for general purpose amplifier
and high voltage switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
175
V
Collector-Emitter Voltage
VCEO
175
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation
PD
1.0
W
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
175
°C/W
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=100V
100
nA
IEBO
VEB=3.0V
50
nA
BVCBO
IC=100μA
175
V
BVCEO
IC=10mA
175
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.3
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.65
0.9
V
hFE
VCE=10V, IC=0.1mA
80
hFE
VCE=10V, IC=1.0mA
90
hFE
VCE=10V, IC=10mA
100
hFE
VCE=10V, IC=50mA
100
300
hFE
VCE=10V, IC=150mA
50
fT
VCE=30V, IC=30mA, f=100MHz
200
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
10
pF
Cib
VEB=1.0V, IC=0, f=1.0MHz
75
pF
ton
VCC=100V, VBE=4.0V, IC=50mA,
IB1=IB2=5.0mA
400
ns
toff
VCC=100V, VBE=4.0V, IC=50mA,
IB1=IB2=5.0mA
600
ns
TO-39 CASE
R0 (22-November 2010)
www.centr a lsemi.com


Similar Part No. - 2N3637

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637 SEME-LAB-2N3637 Datasheet
20Kb / 2P
   PNP SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N3637 BOCA-2N3637 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3637 MICROSEMI-2N3637 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3637 MICROSEMI-2N3637 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3637 MICROSEMI-2N3637 Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com