Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS711L1 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # BTS711L1
Description  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS711L1 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button BTS711L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 9Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 10Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 11Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 12Page - Siemens Semiconductor Group BTS711L1 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BTS 711 L1
Semiconductor Group
9
Open-load detection, OUT1...4
ON-state diagnostic condition:
VON < RON·IL(OL); IN high
Open load
detection
Logic
unit
+ Vbb
OUT
ON
VON
OFF-state diagnostic condition:
VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
R
EXT
R
O
OFF
GND disconnect
(channel 1/2 or 3/4)
PROFET
V
IN2
ST
OUT2
GND
bb
V
bb
Ibb
IN1
OUT1
V
IN1
V
IN2
V
ST
V
GND
Any kind of load. In case of IN = high is
VOUT ≈ VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.
GND disconnect with GND pull up
(channel 1/2 or 3/4)
PROFET
V
IN2
ST
OUT2
GND
bb
V
bb
IN1
OUT1
V
IN1
V
IN2
V
ST
V
GND
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND > 0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN2
ST
OUT2
GND
bb
V
bb
IN1
OUT1
high
For an inductive load current up to the limit defined by EAS
(max. ratings see page 3 and diagram on page 10) each
switch is protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load the whole load
current flows through the GND connection.


Similar Part No. - BTS711L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
BTS711L1 INFINEON-BTS711L1 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_12 Datasheet
1Mb / 18P
   Smart High-Side Power Switch
Rev 1.3, 2012-01-16
More results

Similar Description - BTS711L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS720L1 SIEMENS-BTS720L1 Datasheet
378Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS721L1 SIEMENS-BTS721L1 Datasheet
192Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS710L1 SIEMENS-BTS710L1 Datasheet
180Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com