Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS707 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BTS707
Description  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS707 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button BTS707 Datasheet HTML 4Page - Siemens Semiconductor Group BTS707 Datasheet HTML 5Page - Siemens Semiconductor Group BTS707 Datasheet HTML 6Page - Siemens Semiconductor Group BTS707 Datasheet HTML 7Page - Siemens Semiconductor Group BTS707 Datasheet HTML 8Page - Siemens Semiconductor Group BTS707 Datasheet HTML 9Page - Siemens Semiconductor Group BTS707 Datasheet HTML 10Page - Siemens Semiconductor Group BTS707 Datasheet HTML 11Page - Siemens Semiconductor Group BTS707 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTS 707
Semiconductor Group
8
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
IN
V
ST
V
GND
Any kind of load. In case of IN = high is
VOUT ≈ VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND > 0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
high
For an inductive load current up to the limit defined by EAS
(max. ratings ) each switch is protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load the whole load
current flows through the GND connection.
Inductive load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
E AS
bb
L
R
ELoad
R
L
L
{L
Z
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER=
VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
(Vbb + |VOUT(CL)|) ln (1+
IL·RL
|VOUT(CL)|
)


Similar Part No. - BTS707

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS725L1 SIEMENS-BTS725L1 Datasheet
169Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS734L1 SIEMENS-BTS734L1 Datasheet
185Kb / 16P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com