Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB5.6SM Datasheet(PDF) 4 Page - Rohm

Part # RSB5.6SM
Description  Bi direction ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB5.6SM Datasheet(HTML) 4 Page - Rohm

  RSB5.6SM Datasheet HTML 1Page - Rohm RSB5.6SM Datasheet HTML 2Page - Rohm RSB5.6SM Datasheet HTML 3Page - Rohm RSB5.6SM Datasheet HTML 4Page - Rohm RSB5.6SM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSB5.6SM
 
0
5
10
15
20
25
30
No break at 30kV
C=200pF
R=0
Ω
C=150pF
R=330
Ω
C=100pF
R=1.5k
Ω
AVE:10.0kV
ESD DISPERSION MAP(1)
apply voltage
0
5
10
15
20
25
30
No break at 30kV
C=200pF
R=0
Ω
C=150pF
R=330
Ω
C=100pF
R=1.5k
Ω
AVE:9.35kV
ESD DISPERSION MAP(2)
apply voltage
4/4
2011.10 - Rev.A


Similar Part No. - RSB5.6SM

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB5.6SMFH ROHM-RSB5.6SMFH Datasheet
1Mb / 8P
   Bi direction ESD Protection Diode
More results

Similar Description - RSB5.6SM

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDBL5V0AE1 JIANGSU-ESDBL5V0AE1 Datasheet
1Mb / 6P
   Bi-direction ESD Protection Diode
ESDBU5V0Y1 JIANGSU-ESDBU5V0Y1 Datasheet
698Kb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0A1 JIANGSU-ESDBW5V0A1 Datasheet
8Mb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0D3 JIANGSU-ESDBW5V0D3 Datasheet
9Mb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB6.8SMFH ROHM-RSB6.8SMFH Datasheet
950Kb / 8P
   Bi direction ESD Protection Diode
logo
Jiangsu Changjiang Elec...
CESDBLC5V0D9 JIANGSU-CESDBLC5V0D9 Datasheet
721Kb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB27K2 ROHM-RSB27K2_12 Datasheet
535Kb / 8P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS_14 Datasheet
523Kb / 9P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSB33V ROHM-RSB33V Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSBC6.8CS ROHM-RSBC6.8CS Datasheet
1Mb / 4P
   Bi direction ESD Protection diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com