Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS650P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BTS650P
Description  Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS650P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS650P Datasheet HTML 1Page - Siemens Semiconductor Group BTS650P Datasheet HTML 2Page - Siemens Semiconductor Group BTS650P Datasheet HTML 3Page - Siemens Semiconductor Group BTS650P Datasheet HTML 4Page - Siemens Semiconductor Group BTS650P Datasheet HTML 5Page - Siemens Semiconductor Group BTS650P Datasheet HTML 6Page - Siemens Semiconductor Group BTS650P Datasheet HTML 7Page - Siemens Semiconductor Group BTS650P Datasheet HTML 8Page - Siemens Semiconductor Group BTS650P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BTS650P
Semiconductor Group
Page 3
1998-Nov.-2
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC7)
--
--
0.75
K/W
junction - ambient (free air):
RthJA
--
60
--
SMD version, device on PCB
8):33
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = -40 ... +150 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Tab to pins 1,2,6,7, see
measurement circuit page 7)
IL = 20 A, Tj = 25 °C:
VIN = 0, IL = 20 A, Tj = 150 °C:
RON
--
4.4
7.9
6.0
10.5
m
IL = 90 A, Tj = 150 °C:
--
10.7
Vbb = 6V
9
), IL = 20 A, Tj = 150 °C: RON(Static)
--
10
17
Nominal load current
10
) (Tab to pins 1,2,6,7)
ISO 10483-1/6.7:
VON = 0.5 V, Tc = 85 °C
11
)
IL(ISO)
55
70
--
A
Nominal load current10), device on PCB8))
TA = 85 °C, Tj
≤ 150 °C V
ON
≤ 0.5 V,
IL(NOM)
13.6
17
--
A
Maximum load current in resistive range
(Tab to pins 1,2,6,7)
VON = 1.8 V, Tc = 25 °C:
see diagram on page 13
VON = 1.8 V, Tc = 150 °C:
IL(Max)
250
150
--
--
--
--
A
Turn-on time
12
)
IIN
to 90%
VOUT:
Turn-off time
IIN
to 10%
VOUT:
RL = 1
, Tj =-40...+150°C
ton
toff
100
30
--
--
420
110
µs
Slew rate on 12) (10 to 30%
VOUT )
RL = 1
Ω , T
J = 25 °C
d
V/dton
--
0.7
--
V/
µs
Slew rate off 12) (70 to 40%
VOUT )
RL = 1
Ω , T
J = 25 °C
-d
V/dtoff
--
1.1
--
V/
µs
7
)
Thermal resistance RthCH case to heatsink (about 0.5 ... 0.9 K/W with silicone paste) not included!
8
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
9
)
Decrease of Vbb below 10 V causes slowly a dynamic increase of RON to a higher value of RON(Static). As
long as VbIN > VbIN(u) max, RON increase is less than 10 % per second for TJ < 85 °C.
10
)
Not tested, specified by design.
11
)
TJ is about 105°C under these conditions.
12
)
See timing diagram on page 14.


Similar Part No. - BTS650P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS650P INFINEON-BTS650P Datasheet
309Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
More results

Similar Description - BTS650P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS555 SIEMENS-BTS555 Datasheet
130Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com