Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS650P Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # BTS650P
Description  Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS650P Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button BTS650P Datasheet HTML 7Page - Siemens Semiconductor Group BTS650P Datasheet HTML 8Page - Siemens Semiconductor Group BTS650P Datasheet HTML 9Page - Siemens Semiconductor Group BTS650P Datasheet HTML 10Page - Siemens Semiconductor Group BTS650P Datasheet HTML 11Page - Siemens Semiconductor Group BTS650P Datasheet HTML 12Page - Siemens Semiconductor Group BTS650P Datasheet HTML 13Page - Siemens Semiconductor Group BTS650P Datasheet HTML 14Page - Siemens Semiconductor Group BTS650P Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BTS650P
Semiconductor Group
Page 11
1998-Nov.-2
Options Overview
Type
BTS
550P
650P
555
Overtemperature protection with hysteresis
XX
Tj >150 °C, latch function
23
)
Tj >150 °C, with auto-restart on cooling
X
X
Short circuit to GND protection
switches off when
VON>6 V typ.
(when first turned on after approx. 180
µs)
XX
Overvoltage shutdown
--
Output negative voltage transient limit
to
Vbb - VON(CL)
XX
to
VOUT = -19 V typ
X
24)
X24)
23
)
Latch except when
V
bb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT
≠ 0 V only if forced externally). So the device remains latched unless V
bb < VON(SC) (see page 5). No latch
between turn on and td(SC).
24
)
Can be "switched off" by using a diode DS (see page 8) or leaving open the current sense output.


Similar Part No. - BTS650P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS650P INFINEON-BTS650P Datasheet
309Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
More results

Similar Description - BTS650P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS555 SIEMENS-BTS555 Datasheet
130Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com