Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5CE51 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1.5CE51
Description  UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5CE51 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1.5CE51 Datasheet HTML 1Page - Central Semiconductor Corp 1.5CE51 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5CE6.8A THRU 1.5CE440A
1.5CE6.8CA THRU 1.5CE440CA
UNI-DIRECTIONAL
AND BI-DIRECTIONAL
SILICON TRANSIENT
VOLTAGE SUPPRESSORS
1500 WATTS, 6.8 THRU 440 VOLTS
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MIN
V
NOM
V
MAX
V
mA
V
µA
V
A
% / °C
1.5CE47
44.7
47
49.4
1.0
40.2
5.0
64.8
23.2
0.101
1.5CE51
48.5
51
53.6
1.0
43.6
5.0
70.1
21.4
0.102
1.5CE56
53.2
56
58.8
1.0
47.8
5.0
77
19.5
0.103
1.5CE62
58.9
62
65.1
1.0
53.0
5.0
85
17.7
0.104
1.5CE68
64.6
68
71.4
1.0
58.1
5.0
92
16.3
0.104
1.5CE75
71.3
75
78.8
1.0
64.1
5.0
103
14.6
0.105
1.5CE82
77.9
82
86.1
1.0
70.1
5.0
113
13.3
0.105
1.5CE91
86.5
91
95.5
1.0
77.8
5.0
125
12
0.106
1.5CE100
95.0
100
105
1.0
85.5
5.0
137
11
0.106
1.5CE110
104.5
110
115.5
1.0
94.0
5.0
152
9.9
0.107
1.5CE120
114
120
126
1.0
102
5.0
165
9.1
0.107
1.5CE130
123.5
130
136.5
1.0
111
5.0
179
8.4
0.107
1.5CE150
142.5
150
157.5
1.0
128
5.0
207
7.2
0.108
1.5CE160
152
160
168
1.0
136
5.0
219
6.8
0.108
1.5CE170
161.5
170
178.5
1.0
145
5.0
234
6.4
0.108
1.5CE180
171
180
189
1.0
154
5.0
246
6.1
0.108
1.5CE200
190
200
210
1.0
171
5.0
274
5.5
0.108
1.5CE220
209
220
231
1.0
185
5.0
328
4.6
0.108
1.5CE250
237.5
250
262.5
1.0
214
5.0
344
5.0
0.110
1.5CE300
285
300
315
1.0
256
5.0
414
5.0
0.110
1.5CE350
332.5
350
367.5
1.0
300
5.0
482
4.0
0.110
1.5CE400
380
400
420
1.0
342
5.0
548
4.0
0.110
1.5CE440
418
440
462
1.0
376
5.0
600
2.6
0.110
DO-201 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
Bi-directional devices shall not be
marked with a Cathode band.
www.centr a lsemi.com
R1 (8-September 2011)


Similar Part No. - 1.5CE51

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5CE51 CENTRAL-1.5CE51 Datasheet
336Kb / 2P
   SILICON TRANSIENT VOLTAGE SUPPRESSORS
1.5CE51A CENTRAL-1.5CE51A Datasheet
77Kb / 2P
   1.5W TRANSIENT SUPPRESSOR
1.5CE51CA CENTRAL-1.5CE51CA Datasheet
77Kb / 2P
   1.5W TRANSIENT SUPPRESSOR
More results

Similar Description - 1.5CE51

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6KE6.8A CENTRAL-P6KE6.8A Datasheet
425Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 600 WATTS, 6.8 THRU 440 VOLTS
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8 Datasheet
201Kb / 4P
   1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com