Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS555 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BTS555
Description  Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS555 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS555 Datasheet HTML 1Page - Siemens Semiconductor Group BTS555 Datasheet HTML 2Page - Siemens Semiconductor Group BTS555 Datasheet HTML 3Page - Siemens Semiconductor Group BTS555 Datasheet HTML 4Page - Siemens Semiconductor Group BTS555 Datasheet HTML 5Page - Siemens Semiconductor Group BTS555 Datasheet HTML 6Page - Siemens Semiconductor Group BTS555 Datasheet HTML 7Page - Siemens Semiconductor Group BTS555 Datasheet HTML 8Page - Siemens Semiconductor Group BTS555 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PROFET® Target Data Sheet BTS555
Semiconductor Group
Page 1 of 16
1998-Jan-14
Smart Highside High Current Power Switch
Features
• Overload protection
• Current limitation
• Short circuit protection
• Overtemperature protection
• Overvoltage protection (including load dump)
• Clamp of negative voltage at output
• Fast deenergizing of inductive loads 1)
• Low ohmic inverse current operation
• Reverse battery protection
• Diagnostic feedback with load current sense
• Open load detection via current sense
• Loss of V
bb protection
2)
• Electrostatic discharge (ESD) protection
Application
• Power switch with current sense diagnostic
feedback for 12 V and 24 V DC grounded loads
• Most suitable for loads with high inrush current
like lamps and motors; all types of resistive and
inductive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, current controlled input and diagnostic feedback with load
current sense, integrated in Smart SIPMOS® chip on chip technology. Fully protected by embedded protection
functions.
IN
Charge pump
Level shifter
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
Overvoltage
protection
+ Vbb
PROFET
®
OUT
3 & Tab
1, 5
Load GND
Load
Output
Voltage
detection
R
IS
IS
4
I
IS
I
L
V
IS
I
IN
Logic GND
Voltage
sensor
Voltage
source
Current
Sense
Logic
ESD
Temperature
sensor
R
bb
V
IN
1) With additional external diode.
2)
Additional external diode required for energized inductive loads (see page9).
Product Summary
Overvoltage protection
Vbb(AZ)
63
V
Output clamp
VON(CL)
42
V
Operating voltage
Vbb(on)
5.0 ... 34
V
On-state resistance
RON
2.9 m
Load current (ISO)
IL(ISO)
132
A
Short circuit current limitation
IL(SCp)
400
A
Current sense ratio
IL : IIS
25 000
TO-218AB/5
5
1
Straight leads


Similar Part No. - BTS555

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
300Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555E3146 INFINEON-BTS555E3146 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results

Similar Description - BTS555

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com