Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6A4GPP Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CR6A4GPP
Description  GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 6A, 200 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CR6A4GPP Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CR6A4GPP Datasheet HTML 1Page - Central Semiconductor Corp CR6A4GPP Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CASE 106 - MECHANICAL OUTLINE
CR6A2GPP
CR6A8GPP
CR6A4GPP
CR6A10GPP
CR6A6GPP
GLASS PASSIVATED JUNCTION
GENERAL PURPOSE SILICON RECTIFIER
6A, 200 THRU 1000 VOLTS
R1 (1-May 2008)
MARKING: FULL PART NUMBER


Similar Part No. - CR6A4GPP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR6A4GPP CENTRAL-CR6A4GPP Datasheet
169Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - CR6A4GPP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N3611 CENTRAL-1N3611 Datasheet
112Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
1N4001GPP CENTRAL-1N4001GPP Datasheet
78Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS
CR5-010 CENTRAL-CR5-010 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 5.0 AMP, 100 THRU 1200 VOLTS
CR3-005GPP CENTRAL-CR3-005GPP_11 Datasheet
259Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 50 THRU 1200 VOLTS
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
CR6AF1GPP CENTRAL-CR6AF1GPP Datasheet
79Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
logo
Frontier Electronics.
GH60-005 FRONTIER-GH60-005 Datasheet
122Kb / 2P
   6A GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Central Semiconductor C...
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com