Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5915BP Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMZ5915BP
Description  SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5915BP Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMZ5915BP Datasheet HTML 1Page - Central Semiconductor Corp CMZ5915BP Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMZ5913BP THRU CMZ5956BP
SURFACE MOUNT
SILICON ZENER DIODE
3.0 WATT, 3.3 THRU 200 VOLTS
±5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMZ5913BP
Series 3.0 Watt Surface Mount Silicon Zener
Diodes are high quality, well constructed, highly
reliable components designed for use in all types of
commercial, industrial, entertainment, computer, and
automotive applications. To order devices on 12mm
Tape and Reel (3000/13” Reel), add TR13 suffix to part
number.
MARKING: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTIC TABLE
• Device is Halogen Free by design
FEATURES:
• Superior lot to lot consistency
• Low cost
• “C” bend construction provides strain
• High reliability
relief when mounted on pc board
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation (TL=75°C)
PD
3.0
W
Power Dissipation
PD
550
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
227
°C/W
Thermal Resistance
ΘJL
25
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=200mA (for all types)
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
ZENER
IMPEDANCE
ZZK @ IZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
ZENER
CURRENT
IZM
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
Ω
Ω
mA
μA
V
mA
CMZ5913BP
3.135
3.3
3.465
113.6
10
500
1.0
100
1.0
454
C5913BP
CMZ5914BP
3.420
3.6
3.780
104.2
9.0
500
1.0
75
1.0
416
C5914BP
CMZ5915BP
3.705
3.9
4.095
96.1
7.5
500
1.0
25
1.0
384
C5915BP
CMZ5916BP
4.085
4.3
4.515
87.2
6.0
500
1.0
5.0
1.0
348
C5916BP
CMZ5917BP
4.465
4.7
4.935
79.8
5.0
500
1.0
5.0
1.5
319
C5917BP
CMZ5918BP
4.845
5.1
5.355
73.5
4.0
350
1.0
5.0
2.0
294
C5918BP
CMZ5919BP
5.320
5.6
5.880
66.9
2.0
250
1.0
5.0
3.0
267
C5919BP
CMZ5920BP
5.890
6.2
6.510
60.5
2.0
200
1.0
5.0
4.0
241
C5920BP
CMZ5921BP
6.460
6.8
7.140
55.1
2.5
200
1.0
5.0
5.2
221
C5921BP
CMZ5922BP
7.125
7.5
7.875
50.0
3.0
400
0.5
5.0
6.0
200
C5922BP
CMZ5923BP
7.790
8.2
8.610
45.7
3.5
400
0.5
5.0
6.5
183
C5923BP
CMZ5924BP
8.645
9.1
9.555
41.2
4.0
500
0.5
5.0
7.0
165
C5924BP
CMZ5925BP
9.500
10
10.50
37.5
4.5
500
0.25
5.0
8.0
150
C5925BP
CMZ5926BP
10.45
11
11.55
34.1
5.5
550
0.25
1.0
8.4
136
C5926BP
CMZ5927BP
11.40
12
12.60
31.2
6.5
550
0.25
1.0
9.1
125
C5927BP
CMZ5928BP
12.35
13
13.65
28.8
7.0
550
0.25
1.0
9.9
115
C5928BP
CMZ5929BP
14.25
15
15.75
25.0
9.0
600
0.25
1.0
11.4
100
C5929BP
SMB CASE
R1 (12-February 2010)
www.centr a lsemi.com


Similar Part No. - CMZ5915BP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5915B CENTRAL-CMZ5915B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
More results

Similar Description - CMZ5915BP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CLL4728A CENTRAL-CLL4728A Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com