Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM101524 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM101524
Description  1M x 4 Bit Fast Static Random Access Memory with ECL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM101524 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM101524 Datasheet HTML 1Page - Motorola, Inc MCM101524 Datasheet HTML 2Page - Motorola, Inc MCM101524 Datasheet HTML 3Page - Motorola, Inc MCM101524 Datasheet HTML 4Page - Motorola, Inc MCM101524 Datasheet HTML 5Page - Motorola, Inc MCM101524 Datasheet HTML 6Page - Motorola, Inc MCM101524 Datasheet HTML 7Page - Motorola, Inc MCM101524 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM101524
3
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VEE = – 5.2 V ± 5%, VCC = 0 V, TJ = 0 to +60°C, Unless Otherwise Noted)
Input Pulse Levels
– 1.7 V to – 0.9 V (See Figure 1)
. . . . . . . . . . . . .
Input Rise/Fall Time
1 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
50%
. . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
VOH = – 1165 mV
. .
VOL = – 1475 mV
Output Load (AC Test Circuit)
See Figure 2
. . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1 and 2)
MCM101524–12
MCM101524–15
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
12
15
ns
2, 3
Address Access Time
tAVQV
12
15
ns
Chip Select Access Time
tSLQV
12
15
ns
6
Select High to Output Low
tSHQL
0
8
0
9
ns
Output Hold from Address Change
tAXQX
4
4
ns
Power Up Time
tSLIEEH
0
0
ns
4
Power Down Time
tSHIEEL
12
15
ns
4
NOTES:
1. W is high for read cycle.
2. Product sensitivites to noise require proper grounding and decoupling of power supplies during read and write cycles.
3. All read cycle timings are referenced from the last valid address to the first transitioning address.
4. This parameter is sampled and not 100% tested.
5. Device is continuously selected (S
≤ VIL).
6. Addresses valid prior to or coincident with S going low.
80%
Figure 1. Input Levels
Figure 2. AC Test Circuit
AC TEST CONDITIONS
50%
20%
20%
50%
80%
– 0.9 V
– 1.7 V
tf
tr
VCC
VEE
Q
CL
RL
– 2.0 V
0.01
µF
0.1
µF
tr = Rise Time
tf = Fall Time
50% = Timing Reference Levels
RL = 50 Ω
CL = 30 pF


Similar Part No. - MCM101524

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101525 MOTOROLA-MCM101525 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM101525B12 MOTOROLA-MCM101525B12 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM101525B15 MOTOROLA-MCM101525B15 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
More results

Similar Description - MCM101524

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101525 MOTOROLA-MCM101525 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com