Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7800A Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC7800A
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7800A Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC7800A Datasheet HTML 5Page - Motorola, Inc MC7800A Datasheet HTML 6Page - Motorola, Inc MC7800A Datasheet HTML 7Page - Motorola, Inc MC7800A Datasheet HTML 8Page - Motorola, Inc MC7800A Datasheet HTML 9Page - Motorola, Inc MC7800A Datasheet HTML 10Page - Motorola, Inc MC7800A Datasheet HTML 11Page - Motorola, Inc MC7800A Datasheet HTML 12Page - Motorola, Inc MC7800A Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
9
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7815C/LM340T–15
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
14.4
15
15.6
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
14.25
15
15.75
Vdc
17.5 Vdc
≤ Vin ≤ 30 Vdc
Line Regulation, TJ = 25°C (Note 2)
Regline
mV
17.9 Vdc
≤ Vin ≤ 30 Vdc
8.5
30
20 Vdc
≤ Vin ≤ 26 Vdc
3.0
28
Load Regulation, TJ = 25°C (Note 2)
Regload
1.8
55
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
3.5
6.5
mA
Quiescent Current Change
∆IB
mA
17.5 Vdc
≤ Vin ≤ 30 Vdc
0.8
17.5 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
0.7
5.0 mA
≤ IO ≤ 1.0 A
0.5
Ripple Rejection
RR
54
58
dB
18.5 Vdc
≤ Vin ≤ 28.5 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.2
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–1.0
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7815AC/LM340AT–15
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
14.7
15
15.3
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
14.4
15
15.6
Vdc
17.9 Vdc
≤ Vin ≤ 30 Vdc
Line Regulation (Note 2)
Regline
mV
17.9 Vdc
≤ Vin ≤ 30 Vdc, IO = 500 mA
8.5
20
20 Vdc
≤ Vin ≤ 26 Vdc
3.0
22
17.5 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
7.0
20
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
1.8
25
5.0 mA
≤ IO ≤ 1.0 A
1.5
25
250 mA
≤ IO ≤ 750 mA
1.2
15
Quiescent Current
IB
3.5
6.0
mA
Quiescent Current Change
∆IB
mA
17.5 Vdc
≤ Vin ≤ 30 Vdc, IO = 500 mA
0.8
17.5 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
0.8
5.0 mA
≤ IO ≤ 1.0 A
0.5
NOTES: 1. Tlow = –40°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
Thigh = +125°C for MC78XXAC, C, LM340AT–XX, LM340T–XX
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - MC7800A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800A ONSEMI-MC7800A Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800A ONSEMI-MC7800A Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7800A ONSEMI-MC7800A Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800A ONSEMI-MC7800A Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
MC7800AE ONSEMI-MC7800AE Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
More results

Similar Description - MC7800A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com