Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS432D2 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # BTS432D2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS432D2 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button BTS432D2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 9Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 10Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 11Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 12Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS 432 D2
Semiconductor Group
9
Options Overview
all versions: High-side switch, Input protection, ESD protection, load dump and
reverse battery protection , protection against loss of ground
Type
BTS 432D2 432E2 432F2 432I2
Logic version
D
EF
I
Overtemperature protection
Tj >150 °C, latch function17)18)
Tj >150 °C, with auto-restart on cooling
X
X
XX
Short-circuit to GND protection
switches off when
VON>8.3 V typ.17)
(when first turned on after approx. 200
µs)
X
XX
X
Open load detection
in OFF-state with sensing current 30
µA typ.
in ON-state with sensing voltage drop across
power transistor
X
XX
X
Undervoltage shutdown with auto restart
X
XX
X
Overvoltage shutdown with auto restart
X
XX
X
Status feedback for
overtemperature
short circuit to GND
short to Vbb
open load
undervoltage
overvoltage
X
X
-19)
X
X
X
X
X
-19)
X
-
-
X
X
-19)
X
-
-
X
X
X
X
X
X
Status output type
CMOS
Open drain
X
XX
X
Output negative voltage transient limit
(fast inductive load switch off)
to Vbb - VON(CL)
X
XX
X
Load current limit
high level (can handle loads with high inrush currents)
medium level
low level (better protection of application)
X
X
X
X
17
) Latch except when V
bb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT
0 V only if forced externally). So the device remains latched unless
Vbb < VON(SC) (see page 4). No latch
between turn on and td(SC).
18) With latch function. Reseted by a) Input low, b) Undervoltage, c) Overvoltage
19
) Low resistance short V
bb to output may be detected by no-load-detection


Similar Part No. - BTS432D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS432D2 INFINEON-BTS432D2 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3043 INFINEON-BTS432D2E3043 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3062A INFINEON-BTS432D2E3062A Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
More results

Similar Description - BTS432D2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS432E2 SIEMENS-BTS432E2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS432I2 SIEMENS-BTS432I2 Datasheet
122Kb / 14P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS430K2 SIEMENS-BTS430K2 Datasheet
116Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS432F2 SIEMENS-BTS432F2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com