Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5290 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N5290
Description  SILICON CURRENT LIMITING DIODE DESCRIPTION:
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5290 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N5290 Datasheet HTML 1Page - Central Semiconductor Corp 1N5290 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5283 THRU 1N5314
SILICON CURRENT LIMITING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N5283 series
types are silicon field effect current regulator diodes
designed for applications requiring a constant
current over a wide voltage range. These devices
are manufactured in the cost effective DO-35 double
plug case which provides many benefits to the
user, including space savings and improved thermal
characteristics. Special selections of IP (regulator
current) are available for critical applications.
MAXIMUM RATINGS: (TL=75°C)
SYMBOL
UNITS
Peak Operating Voltage
POV
100
V
Power Dissipation
PD
600
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
FEATURES:
• High Reliability
• Special Selections Available
• Superior Lot To Lot Consistency
• Surface Mount Devices Available
ELECTRICAL CHARACTERISTICS: (TA=25°C)
Notes: (1) Pulsed Method: Pulse Width (ms) = 27.5 divided by IP NOM (mA)
Type
Regulator
Current
(Note 1)
IP @ VT=25V
Minimum
Dynamic
Impedance
ZT @ VT=25V
Minimum
Knee
Impedance
ZK @ VK=6.0V
Maximum
Limiting
Voltage
VL @ IL=0.8 x IP MIN
MIN
mA
NOM
mA
MAX
mA
V
1N5283
0.198
0.22
0.242
25
2.75
1.0
1N5284
0.216
0.24
0.264
19
2.35
1.0
1N5285
0.243
0.27
0.297
14
1.95
1.0
1N5286
0.270
0.30
0.330
9.0
1.60
1.0
1N5287
0.297
0.33
0.363
6.6
1.35
1.0
1N5288
0.351
0.39
0.429
4.1
1.00
1.05
1N5289
0.387
0.43
0.473
3.3
0.87
1.05
1N5290
0.423
0.47
0.517
2.7
0.75
1.05
1N5291
0.504
0.56
0.616
1.90
0.56
1.10
1N5292
0.558
0.62
0.682
1.55
0.47
1.13
1N5293
0.612
0.68
0.748
1.35
0.40
1.15
1N5294
0.675
0.75
0.825
1.15
0.335
1.20
1N5295
0.738
0.82
0.902
1.00
0.29
1.25
1N5296
0.819
0.91
1.001
0.88
0.24
1.29
1N5297
0.900
1.00
1.10
0.80
0.205
1.35
1N5298
0.990
1.10
1.21
0.70
0.18
1.40
DO-35 CASE
R3 (24-May 2010)
www.centr a lsemi.com


Similar Part No. - 1N5290

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5290 MOTOROLA-1N5290 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
1N5290 MICROSEMI-1N5290 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5290 CDI-DIODE-1N5290 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5290 KNOX-1N5290 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5290 MICROSEMI-1N5290 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
More results

Similar Description - 1N5290

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMJ0130 CENTRAL-CMJ0130 Datasheet
742Kb / 3P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
   CURRENT LIMITING DIODE
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
   CURRENT LIMITING DIODE
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
   CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
   CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
   HIGH CURRENT CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
   20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
   20mA Current Limiting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com