Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3611 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N3611
Description  GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N3611 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N3611 Datasheet HTML 1Page - Central Semiconductor Corp 1N3611 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N3611 1N3613
1N3612 1N3614
1N3957
GLASS PASSIVATED
GENERAL PURPOSE
SILICON RECTIFIERS
1.0 AMP, 200 THRU 1000 VOLTS
GPR-1A CASE
Central
Semiconductor Corp.
TM
R0 (19-November 2007)
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL 1N3611
1N3612
1N3613
1N3614
1N3957
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current (TA=100°C)
IO
1.0
A
Peak Forward Surge Current (tp=8.3ms)
IFSM
50
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=150°C
200
μA
VF
IF=1.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
25
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A
2.0
μs
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N3611 thru
1N3614, and 1N3957 are hermetically sealed,
glass passivated, general purpose silicon rectifiers
ideal for commercial, military, automotive and
entertainment applications requiring high reliability
and failure free performance.
MARKING: FULL PART NUMBER


Similar Part No. - 1N3611

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N3611 MICROSEMI-1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
Semtech Corporation
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3611 EIC-1N3611 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results

Similar Description - 1N3611

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CR6A2GPP CENTRAL-CR6A2GPP Datasheet
169Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 6A, 200 THRU 1000 VOLTS
1N4001GPP CENTRAL-1N4001GPP Datasheet
78Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
   GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
1N4383 CENTRAL-1N4383 Datasheet
60Kb / 1P
   1.0 AMP RECTIFIER 200 THRU 1000 VOLTS
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-02 CENTRAL-CMR1-02 Datasheet
190Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Central Semiconductor C...
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com