Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS412B2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BTS412B2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS412B2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS412B2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS412B2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 412B2
Semiconductor Group
3
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to 5)
IL = 1.6 A
Tj=25 °C:
Tj=150 °C:
RON
--
190
390
220
440
m
Nominal load current, ISO Norm (pin 3 to 5)
VON = 0.5 V, TC = 85 °C
IL(ISO)
1.6
1.8
--
A
Output current (pin 5) while GND disconnected or
GND pulled up,
Vbb=30 V, VIN= 0, see diagram
page 7
IL(GNDhigh)
--
--
1
mA
Turn-on time
IN
to 90%
VOUT:
Turn-off time
IN
to 10%
VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
15
5
--
--
125
85
µs
Slew rate on
10 to 30%
VOUT, RL = 12
, Tj =-40...+150°C
d
V /dton
--
--
3
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 12
, Tj =-40...+150°C
-d
V/dtoff
--
--
6
V/
µs
Operating Parameters
Operating voltage 6)
Tj =-40...+150°C: Vbb(on)
4.7
--
42
V
Undervoltage shutdown
Tj =25°C:
Tj =-40...+150°C:
Vbb(under)
2.9
2.7
--
--
4.5
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 12
Vbb(ucp)
--
5.6
6.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.1
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
42
--
52
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
40
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C: ∆Vbb(over)
--
0.1
--
V
Overvoltage protection7)
Tj =-40...+150°C:
Ibb=40 mA
Vbb(AZ)
65
70
--
V
Standby current (pin 3),
VIN=0, IST
≤0
Tj=-40...+150°C:
Ibb(off)
--
40
70
µA
Operating current (Pin 1)8),
VIN=5 V
IGND
--
1
--
mA
6
)
At supply voltage increase up to
Vbb= 5.6 V typ without charge pump, VOUT Vbb - 2 V
7)
Meassured without load. See also
VON(CL) in table of protection functions and circuit diagram page 7.
8
)
Add
IST, if IST > 0, add IIN, if VIN>5.5 V


Similar Part No. - BTS412B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3043 INFINEON-BTS412B2E3043 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
BTS412B2E3062A INFINEON-BTS412B2E3062A Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
More results

Similar Description - BTS412B2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com