Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410G2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS410G2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS410G2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS410G2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS410G2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BTS 410 G2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
4.0
3.5
2.0
--
5.5
3.5
11
10
7.5
A
Repetitive short circuit shutdown current limit
IL(SCr)
Tj = Tjt (see timing diagrams, page 10)
--
2.7
--
A
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL) IL= 40 mA, Tj =-40..+150°C: VON(CL)
61
68
73
V
IL= 1 A, Tj =-40..+150°C:
--
--
75
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 3 to 1) 9)
-
Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
(on-condition)
Tj=-40 ..150°C:
IL (OL)
2
--
150
mA
Input and Status Feedback10)
Input turn-on threshold voltage
Tj =-40..+150°C: VIN(T+)
1.5
--
2.4
V
Input turn-off threshold voltage
Tj =-40..+150°C: VIN(T-)
1.0
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current (pin 2),
VIN = 0.4 V
IIN(off)
1--
30
µA
On state input current (pin 2),
VIN = 5 V
IIN(on)
10
25
70
µA
Status invalid after positive input slope
(open load)
Tj=-40 ... +150°C:
td(ST)
300
--
1400
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +50 uA:
ST low voltage
Tj =-40...+150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.0
--
6
--
--
0.4
V
8
)
Add
IST, if IST > 0, add IIN, if VIN>5.5 V
9
)
Requires 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 6).
10) If a ground resistor R
GND is used, add the voltage drop across this resistor.


Similar Part No. - BTS410G2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2E3043 SIEMENS-BTS410D2E3043 Datasheet
182Kb / 14P
   Smart Highside Power Switch
BTS410D2E3062A SIEMENS-BTS410D2E3062A Datasheet
182Kb / 14P
   Smart Highside Power Switch
More results

Similar Description - BTS410G2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com