Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410F2 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BTS410F2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS410F2 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button BTS410F2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 9Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 10Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 11Page - Siemens Semiconductor Group BTS410F2 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BTS 410 F2
Semiconductor Group
8
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
·
(Vbb + |VOUT(CL)|)· ln (1+
IL·RL
|VOUT(CL)|
)
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C,TC = 150°C const.,
Vbb = 12 V, RL = 0 Ω
L [mH]
100
1000
10000
1.5
1.75
2
2.25
2.5
2.75
3
IL [A]
Typ. transient thermal impedance chip case
ZthJC = f(tp, D), D=tp/T
ZthJC [K/W]
0.01
0.1
1
10
1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E1
0
0.01
0.02
0.05
0.1
0.2
0.5
D=
tp [s]


Similar Part No. - BTS410F2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS410F2 INFINEON-BTS410F2 Datasheet
318Kb / 15P
   Smart Highside Power Switch
2003-Oct-01
BTS410F2 INFINEON-BTS410F2 Datasheet
477Kb / 14P
   Fast demagnetization of inductive loads
2013-10-15
BTS410F2E3043 INFINEON-BTS410F2E3043 Datasheet
318Kb / 15P
   Smart Highside Power Switch
2003-Oct-01
BTS410F2E3062A INFINEON-BTS410F2E3062A Datasheet
318Kb / 15P
   Smart Highside Power Switch
2003-Oct-01
BTS410F2 INFINEON-BTS410F2_13 Datasheet
477Kb / 14P
   Fast demagnetization of inductive loads
2013-10-15
More results

Similar Description - BTS410F2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com