Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410E2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BTS410E2
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS410E2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BTS410E2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS410E2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 410 E2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Input and Status Feedback11)
Input turn-on threshold voltage
Tj =-40..+150°C: VIN(T+)
1.5
--
2.4
V
Input turn-off threshold voltage
Tj =-40..+150°C: VIN(T-)
1.0
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current (pin 2),
VIN = 0.4 V
IIN(off)
1--
30
µA
On state input current (pin 2),
VIN = 5 V
IIN(on)
10
25
70
µA
Status invalid after positive input slope
(short circuit)
Tj=-40 ... +150°C:
td(ST SC)
--
--
450
µs
Status invalid after positive input slope
(open load)
Tj=-40 ... +150°C:
td(ST)
300
--
1400
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +50 uA:
ST low voltage
Tj =-40...+150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.0
--
6
--
--
0.4
V
11) If a ground resistor R
GND is used, add the voltage drop across this resistor.


Similar Part No. - BTS410E2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2 INFINEON-BTS410E2 Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2 INFINEON-BTS410E2 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2E3043 INFINEON-BTS410E2E3043 Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS410E2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com