Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3009 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N3009
Description  Ref/Reg Diode, 5W < P(D) S 10W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3009 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3009 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N3009

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3009 MICROSEMI-1N3009 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3009 NAINA-1N3009 Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3009 NJSEMI-1N3009 Datasheet
291Kb / 2P
   ZENER DIODES
logo
America Semiconductor, ...
1N3009 AMERICASEMI-1N3009 Datasheet
1,019Kb / 2P
   10W Zener Diodes
1N3009 AMERICASEMI-1N3009 Datasheet
1Mb / 2P
   Glass passivated junction
More results

Similar Description - 1N3009

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3004BR NJSEMI-1N3004BR Datasheet
97Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3003RB NJSEMI-1N3003RB Datasheet
103Kb / 1P
   Ref/Reg Diode, 5W < P(D) s 10W
1N3015A NJSEMI-1N3015A Datasheet
68Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3007A NJSEMI-1N3007A Datasheet
93Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3005B NJSEMI-1N3005B Datasheet
87Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3008RB NJSEMI-1N3008RB Datasheet
88Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3015 NJSEMI-1N3015 Datasheet
67Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N2996A NJSEMI-1N2996A Datasheet
97Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2995RB NJSEMI-1N2995RB Datasheet
91Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2997B NJSEMI-1N2997B Datasheet
82Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com