Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL4707 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4707
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4707 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4707 Datasheet HTML 1Page - Central Semiconductor Corp CLL4707 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL4678 THRU CLL4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODES
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4678 Series
Silicon Low Level Zener Diode is a high quality voltage
regulator designed for applications requiring an
extremely low operating current and low leakage.
MARKING: CATHODE BAND
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
REVERSE LEAKAGE
CURRENT
MAXIMUM
VOLTAGE
CHANGE**
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
ΔVZ
IZM
VV
V
µA
µA
V
V
mA
CLL4678
1.710
1.8
1.890
50
7.5
1.0
0.70
120.0
CLL4679
1.900
2.0
2.100
50
5.0
1.0
0.70
110.0
CLL4680
2.090
2.2
2.310
50
4.0
1.0
0.75
100.0
CLL4681
2.280
2.4
2.520
50
2.0
1.0
0.80
95.0
CLL4682
2.565
2.7
2.835
50
1.0
1.0
0.85
90.0
CLL4683
2.850
3.0
3.150
50
0.8
1.0
0.90
85.0
CLL4684
3.135
3.3
3.465
50
7.5
1.5
0.95
80.0
CLL4685
3.420
3.6
3.780
50
7.5
2.0
0.95
75.0
CLL4686
3.705
3.9
4.095
50
5.0
2.0
0.97
70.0
CLL4687
4.085
4.3
4.515
50
4.0
2.0
0.99
65.0
CLL4688
4.465
4.7
4.935
50
10
3.0
0.99
60.0
CLL4689
4.845
5.1
5.355
50
10
3.0
0.97
55.0
CLL4690
5.320
5.6
5.880
50
10
4.0
0.96
50.0
CLL4691
5.890
6.2
6.510
50
10
5.0
0.95
45.0
CLL4692
6.460
6.8
7.140
50
10
5.1
0.90
35.0
CLL4693
7.125
7.5
7.875
50
10
5.7
0.75
31.8
CLL4694
7.790
8.2
8.610
50
1.0
6.2
0.50
29.0
CLL4695
8.265
8.7
9.135
50
1.0
6.6
0.10
27.4
CLL4696
8.645
9.1
9.555
50
1.0
6.9
0.08
26.2
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNIT
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA (FOR ALL TYPES)
** ΔVZ=VZ @ 100µA MINUS VZ @ 10µA
SOD-80 CASE
R7 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CLL4707

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4707 CENTRAL-CLL4707 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4707 CENTRAL-CLL4707 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
More results

Similar Description - CLL4707

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614_10 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com