Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C39 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BZX84C39
Description  SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84C39 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BZX84C39 Datasheet HTML 1Page - Central Semiconductor Corp BZX84C39 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX84C2V4
THRU
BZX84C47
SURFACE MOUNT
SILICON ZENER DIODE
350mW, 2.4 THRU 47 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZX84C2V4
Series are surface mount silicon Zener diodes. These
high quality voltage regulating diodes are designed
for use in industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
BZX84C2V4
2.2
2.4
2.6
5.0
100
600
1.0
50
1.0
104
-0.06
W3
BZX84C2V7
2.5
2.7
2.9
5.0
100
600
1.0
20
1.0
92
-0.06
W4
BZX84C3V0
2.8
3.0
3.2
5.0
95
600
1.0
10
1.0
83
-0.06
W5
BZX84C3V3
3.1
3.3
3.5
5.0
95
600
1.0
5.0
1.0
76
-0.06
W6
BZX84C3V6
3.4
3.6
3.8
5.0
90
600
1.0
5.0
1.0
69
-0.06
W7
BZX84C3V9
3.7
3.9
4.1
5.0
90
600
1.0
3.0
1.0
64
-0.06
W8
BZX84C4V3
4.0
4.3
4.6
5.0
90
600
1.0
3.0
1.0
58
-0.05
W9
BZX84C4V7
4.4
4.7
5.0
5.0
80
500
1.0
3.0
2.0
53
-0.03
Z1
BZX84C5V1
4.8
5.1
5.4
5.0
60
480
1.0
2.0
2.0
49
0.02
Z2
BZX84C5V6
5.2
5.6
6.0
5.0
40
400
1.0
1.0
2.0
45
0.03
Z3
BZX84C6V2
5.8
6.2
6.6
5.0
10
150
1.0
3.0
4.0
40
0.04
Z4
BZX84C6V8
6.4
6.8
7.2
5.0
15
80
1.0
2.0
4.0
37
0.05
Z5
BZX84C7V5
7.0
7.5
7.9
5.0
15
80
1.0
1.0
5.0
33
0.05
Z6
BZX84C8V2
7.7
8.2
8.7
5.0
15
80
1.0
0.7
5.0
30
0.06
Z7
BZX84C9V1
8.5
9.1
9.6
5.0
15
100
1.0
0.5
6.0
27
0.06
Z8
BZX84C10
9.4
10
10.6
5.0
20
150
1.0
0.2
7.0
25
0.07
Z9
Tolerance Code
Tolerance
A
±1%
B
±2%
BZX8 4 C 4 V 7
Part Number Identification
Tolerance Code
Nominal Value Code(i.e. 4.7 Volts)
Device Series
SOT-23 CASE
R7 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - BZX84C39

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C39 HTSEMI-BZX84C39 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX84C39 VISHAY-BZX84C39 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diodes Incorporated
BZX84C39 DIODES-BZX84C39 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C39 MAKOSEMI-BZX84C39 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Weitron Technology
BZX84C39 WEITRON-BZX84C39 Datasheet
255Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZX84C39

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com